Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 23Page - Analog Devices ADE7953 Datasheet HTML 24Page - Analog Devices ADE7953 Datasheet HTML 25Page - Analog Devices ADE7953 Datasheet HTML 26Page - Analog Devices ADE7953 Datasheet HTML 27Page - Analog Devices ADE7953 Datasheet HTML 28Page - Analog Devices ADE7953 Datasheet HTML 29Page - Analog Devices ADE7953 Datasheet HTML 30Page - Analog Devices ADE7953 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 27 of 68
Note that when line cycle accumulation mode is first enabled, the
reading after the first CYCEND flag should be ignored because
it may be inaccurate. This is because the line cycle accumulation
mode is not synchronized to the zero crossing and, therefore,
the first reading may not be over a complete number of half line
cycles. After the first line cycle accumulation is complete, all
successive readings will be correct.
ACTIVE ENERGY ACCUMULATION MODES
Signed Accumulation Mode
The default active energy accumulation mode for the ADE7953 is
a signed accumulation based on the active power information.
Positive-Only Accumulation Mode
The ADE7953 includes a positive-only accumulation mode
option for Current Channel A and Current Channel B active
energy. In positive-only accumulation mode, the energy
accumulation is done only for positive power, ignoring any
occurrence of negative power above or below the no-load
threshold (see Figure 49).
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
AENERGYx
Figure 49. Positive-Only Accumulation Mode
The positive-only accumulation mode is disabled by default and
can be enabled on Current Channel A and Current Channel B
by setting the AWATTACC and BWATTACC bits to 01 in the
ACCMODE register (Address 0x201 and Address 0x301).
If enabled, the positive-only accumulation mode affects both
energy accumulation registers, AENERGYA and AENERGYB,
as well as the CF output pins (see the Energy-to-Frequency
Conversion section). Note that when the positive-only accumu-
lation mode is enabled on a current channel, the reverse power
feature is not available on that current channel (see the Reverse
Power section).
Absolute Accumulation Mode
The ADE7953 includes an absolute energy accumulation mode
for Current Channel A and Current Channel B active energy. In
absolute accumulation mode, the energy accumulation is done
using the absolute active power, ignoring any occurrences of
energy below the no-load threshold (see Figure 50).
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
AENERGYx
Figure 50. Active Energy Absolute Accumulation Mode
The absolute accumulation mode is disabled by default and can
be enabled on Current Channel A and Current Channel B by
setting the AWATTACC and BWATTACC bits to 10 in the
ACCMODE register (Address 0x201 and Address 0x301).
If enabled, the absolute accumulation mode affects both energy
accumulation registers, AENERGYA and AENERGYB, as well
as the CF output pins (see the Energy-to-Frequency Conversion
section). Note that when the absolute accumulation mode is
enabled on a current channel, the reverse power feature is not
available on that current channel (see the Reverse Power section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com