Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 37Page - Analog Devices ADE7953 Datasheet HTML 38Page - Analog Devices ADE7953 Datasheet HTML 39Page - Analog Devices ADE7953 Datasheet HTML 40Page - Analog Devices ADE7953 Datasheet HTML 41Page - Analog Devices ADE7953 Datasheet HTML 42Page - Analog Devices ADE7953 Datasheet HTML 43Page - Analog Devices ADE7953 Datasheet HTML 44Page - Analog Devices ADE7953 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 41 of 68
Active Energy No-Load Status Bits
In addition to the active energy no-load interrupt, the ADE7953
includes two unlatched status bits that continually monitor the
no-load status of Current Channel A and Current Channel B.
The ACTNLOAD_A and ACTNLOAD_B bits are located in the
ACCMODE register (Address 0x201 and Address 0x301). These
bits differ from the interrupt status bits in that they are unlatched
and can, therefore, be used to drive an LED.
REACTIVE ENERGY NO-LOAD DETECTION
Reactive energy no-load detection can be used in conjunction
with active energy no-load detection to establish a “true” no-load
feature. If both the reactive and active energy fall below the no-load
threshold, there is no resistive, inductive, or capacitive load. The
reactive energy no-load feature can also be used to prevent creep
of the reactive energy when there is a resistive load present.
If the reactive energy on either Current Channel A (phase) or
Current Channel B (neutral) falls below the programmed thresh-
old, the reactive energy on that channel ceases to accumulate in
the RENERGYA and RENERGYB registers, respectively. If either
the CF1 or CF2 pin is programmed to output reactive energy, the
CF output is disabled and held high (see the Energy-to-Frequency
Conversion section). If enabled, the reactive reverse power indi-
cation holds its current state while in the no-load condition (see
the Reverse Power section). The Current Channel A reactive
energy no-load condition is indicated by the VAR_NOLOADA
bit (Bit 7) in the IRQSTATA register (Address 0x22D and
Address 0x32D). The Current Channel B reactive energy no-
load condition is indicated by the VAR_NOLOADB bit (Bit 7)
in the IRQSTATB register (Address 0x230 and Address 0x330).
Current Channel A and Current Channel B are independent
and, therefore, a no-load condition on Current Channel A
affects only the energy accumulation, CF output, and reverse
power of Current Channel A, and vice versa.
The reactive energy no-load feature is enabled by default and
can be disabled by setting Bit 1 in the DISNOLOAD register
(Address 0x001) to 1.
Reactive Energy No-Load Interrupt
Two interrupts are associated with the reactive energy no-load
feature: one for Current Channel A (phase) and one for Current
Channel B (neutral). If enabled, these interrupts are triggered
when the reactive energy falls below the programmed threshold.
The Current Channel A reactive energy no-load interrupt can be
enabled by setting the VAR_NOLOADA bit (Bit 7) in the IRQENA
register (Address 0x22C and Address 0x32C). When this bit is set,
a reactive energy no-load event on Current Channel A causes
the IRQ pin (Pin 22) to fall to 0 (see the
section).
Primary Interrupts
(Voltage Channel and Current Channel A)
The Current Channel B reactive energy no-load interrupt can be
enabled by setting the VAR_NOLOADB bit (Bit 7) in the IRQENB
register (Address 0x22F and Address 0x32F). When this bit is set, a
reactive power no-load event on Current Channel B triggers the
IRQ alternative output (see the
section).
Current Channel B Interrupts
Reactive Energy No-Load Status Bits
In addition to the reactive energy no-load interrupt, the
ADE7953 includes two unlatched status bits that continually
monitor the no-load status of Current Channel A and Current
Channel B. The VARNLOAD_A and VARNLOAD_B bits are
located in the ACCMODE register (Address 0x201 and Address
0x301). These bits differ from the interrupt status bits in that
they are unlatched and can, therefore, be used to drive an LED.
APPARENT ENERGY NO-LOAD DETECTION
Apparent energy no-load detection can be used to determine
whether the total consumed energy is below the no-load thresh-
old. If the apparent energy on either Current Channel A (phase)
or Current Channel B (neutral) falls below the programmed
threshold, the apparent energy on that channel ceases to
accumulate in the APENERGYA and APENERGYB registers,
respectively. If either the CF1 or CF2 pin is programmed to
output apparent energy, the CF output is disabled and held high
(see the Energy-to-Frequency Conversion section). The Current
Channel A apparent energy no-load condition is indicated by the
VA_NOLOADA bit (Bit 8) in the IRQSTATA register (Address
0x22D and Address 0x32D). The Current Channel B apparent
energy no-load condition is indicated by the VA_NOLOADB
bit (Bit 8) in the IRQSTATB register (Address 0x230 and
Address 0x330).
Current Channel A and Current Channel B are independent
and, therefore, a no-load condition on Current Channel A
affects only the energy accumulation and CF output of Current
Channel A, and vice versa.
The apparent energy no-load feature is enabled by default and
can be disabled by setting Bit 2 in the DISNOLOAD register
(Address 0x001) to 1.
Apparent Energy No-Load Interrupt
Two interrupts are associated with the apparent energy no-load
feature: one for Current Channel A (phase) and one for Current
Channel B (neutral). If enabled, these interrupts are triggered when
the apparent energy falls below the programmed threshold.
The Current Channel A apparent energy no-load interrupt can be
enabled by setting the VA_NOLOADA bit (Bit 8) in the IRQENA
register (Address 0x22C and Address 0x32C). When this bit is set,
an apparent energy no-load event on Current Channel A causes
the IRQ pin (Pin 22) to fall to 0 (see the
section).
Primary Interrupts
(Voltage Channel and Current Channel A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com