Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 48Page - Analog Devices ADE7953 Datasheet HTML 49Page - Analog Devices ADE7953 Datasheet HTML 50Page - Analog Devices ADE7953 Datasheet HTML 51Page - Analog Devices ADE7953 Datasheet HTML 52Page - Analog Devices ADE7953 Datasheet HTML 53Page - Analog Devices ADE7953 Datasheet HTML 54Page - Analog Devices ADE7953 Datasheet HTML 55Page - Analog Devices ADE7953 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 52 of 68
SPI INTERFACE
The serial peripheral interface (SPI) uses all four communica-
tion pins: CS, SCLK, MOSI, and MISO. The SPI communication
operates in slave mode and, therefore, a clock must be provided
on the SCLK pin (MOSI is an input, and MISO is an output).
This clock synchronizes all communications and can operate up
to a maximum speed of 5 MHz. See the SPI Interface Timing
section for more information about the communication timing
requirements.
The MOSI pin is an input to the ADE7953; data is shifted in on
the falling edge of SCLK to be sampled by the ADE7953 on the
rising edge. The MISO pin is an output from the ADE7953; data
is shifted out on the falling edge of SCLK and should be sampled
by the external microcontroller on the rising edge.
The SPI communication packet consists of two initial bytes
that contain the address of the register that is to be read from
or written to. This address should be transmitted MSB first. The
third byte of the communication determines whether a read or
a write is being issued.
The most significant bit of this byte should be set to 1 for a read
operation and to 0 for a write operation. When the third byte
transmission is complete, the register data is either sent from the
ADE7953 on the MISO pin (in the case of a read) or is written
to the ADE7953 MOSI pin by the external microcontroller (in
the case of a write). All data is sent or received MSB first. The
length of the data transfer depends on the width of the register
being accessed. Registers can be 8, 16, 24, or 32 bits long.
Figure 68 and Figure 69 show the data transfer sequence for
an SPI read and an SPI write, respectively. As shown in these
figures, the CS (chip select) input must be driven low to initialize
the communication and driven high at the end of the communi-
cation. Bringing the CS input high before the completion of a
data transfer ends the communication. In this way, the CS input
performs a reset function on the SPI communication. The CS
input allows communication with multiple devices on the same
microcontroller SPI port.
1
0
15 14
SCLK
MOSI
MISO
10
31 30
1 0
0
0
0
000
REGISTER VALUE
REGISTER ADDRESS
CS
Figure 68. SPI Read
SCLK
MOSI
31 30
1 0
REGISTER VALUE
CS
00
15 14
1 0
0
00
0 0 0
REGISTER ADDRESS
Figure 69. SPI Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com