Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 18Page - Analog Devices ADE7953 Datasheet HTML 19Page - Analog Devices ADE7953 Datasheet HTML 20Page - Analog Devices ADE7953 Datasheet HTML 21Page - Analog Devices ADE7953 Datasheet HTML 22Page - Analog Devices ADE7953 Datasheet HTML 23Page - Analog Devices ADE7953 Datasheet HTML 24Page - Analog Devices ADE7953 Datasheet HTML 25Page - Analog Devices ADE7953 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 22 of 68
REFERENCE CIRCUIT
The ADE7953 has an internal voltage reference of 1.2 V nominal,
which appears on the REF pin. This reference voltage is used by
the ADCs in the ADE7953. The REF pin can be overdriven by
an external source, for example an external 1.2 V reference. The
voltage of the ADE7953 internal reference drifts slightly over
temperature (see the Specifications section). The value of the tem-
perature drift may vary slightly from part to part. A drift of x% in
the reference results in a 2x% deviation in meter accuracy. The
reference drift is typically minimal and is usually much smaller
than the drift of other components in the meter. By default, the
ADE7953 is configured to use the internal reference. If Bit 0 of
the EX_REF register (Address 0x800) is set to 1, an external
voltage reference can be applied to the REF pin.
VGAIN
REFERENCE
HPFEN BIT
CONFIG[2]
DSP
ACTIVE AND REACTIVE
POWER CALCULATION
VOLTAGE PEAK,
OVERVOLTAGE,
SAG DETECTION
VWAVEFORM
SAMPLING REGISTER
VOLTAGE RMS (VRMS)
CALCULATION
HPF
ADC
PGA
VP
ZX DETECTION
PGA_V BITS
×1, ×2, ×4, ×8, ×16
VIN
VN
LPF1
Figure 41. Voltage Channel ADC and Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com