Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 1 Page - Analog Devices

  ADE7953 Datasheet HTML 1Page - Analog Devices ADE7953 Datasheet HTML 2Page - Analog Devices ADE7953 Datasheet HTML 3Page - Analog Devices ADE7953 Datasheet HTML 4Page - Analog Devices ADE7953 Datasheet HTML 5Page - Analog Devices ADE7953 Datasheet HTML 6Page - Analog Devices ADE7953 Datasheet HTML 7Page - Analog Devices ADE7953 Datasheet HTML 8Page - Analog Devices ADE7953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Single Phase, Multifunction Metering IC
with Neutral Current Measurement
Data Sheet
ADE7953
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Measures active, reactive, and apparent energy; sampled
waveform; current and voltage rms
Provides a second current input for neutral current
measurement
Less than 0.1% error in active and reactive energy
measurements over a dynamic range of 3000:1
Less than 0.2% error in instantaneous IRMS measurement
over a dynamic range of 1000:1
Provides apparent energy measurement and instantaneous
power readings
1.23 kHz bandwidth operation
Flexible PGA gain stage (up to ×22)
Includes internal integrators for use with Rogowski coil sensors
SPI, I2C, or UART communication
GENERAL DESCRIPTION
The ADE7953 is a high accuracy electrical energy measurement
IC intended for single phase applications. It measures line voltage
and current and calculates active, reactive, and apparent energy,
as well as instantaneous rms voltage and current.
The device incorporates three Σ-Δ ADCs with a high accuracy
energy measurement core. The second input channel simulta-
neously measures neutral current and enables tamper detection
and neutral current billing. The additional channel incorporates
a complete signal path that allows a full range of measurements.
Each input channel supports independent and flexible gain stages,
making the device suitable for use with a variety of current sensors
such as current transformers (CTs) and low value shunt resistors.
Two on-chip integrators facilitate the use of Rogowski coil sensors.
The ADE7953 provides access to on-chip meter registers via a
variety of communication interfaces including SPI, I2C, and UART.
Two configurable low jitter pulse output pins provide outputs that
are proportional to active, reactive, or apparent energy, as well as
current and voltage rms. A full range of power quality information
such as overcurrent, overvoltage, peak, and sag detection are
accessible via the external IRQ pin. Independent active, reactive,
and apparent no-load detections are included to prevent “meter
creep.” Dedicated reverse power (REVP), zero-crossing voltage
(ZX), and zero-crossing current (ZX_I) pins are also provided. The
ADE7953 energy metering IC operates from a 3.3 V supply voltage
and is available in a 28-lead LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
IAP
IAN
VP
VN
IBP
IBN
ADE7953
AGND
DGND
CS
SCLK
CLKIN
REF
RESET
VDD
VINTA
VINTD
CLKOUT
REVP
ZX
CF2
CF1
ZX_I
IRQ
PGA
PGA
PGA
1.2V REF
X2
AIRMS
LPF
AIRMSOS
X2
AVRMS
LPF
LPF
VRMSOS
AVAGAIN
AWGAIN
AWATTOS
AVARGAIN
AVAROS
DFC
CF1DEN
:
DFC
CF2DEN
:
VGAIN
APHCAL
HPF
AIGAIN
DIGITAL
INTEGRATOR
HPF
ADC
ADC
ADC
ACTIVE, REACTIVE AND
APPARENT ENERGIES AND
VOLTAGE/CURRENT RMS
CALCULATION FOR PHASE B
(SEE PHASE A FOR DETAILED
DATA PATH).
COMPUTATIONAL
BLOCK FOR TOTAL
REACTIVE POWER
CONFIGURATION
AND CONTROL
UART
SPI INTERFACE
I2C
REVP
ZX
ZX_I
PEAK
ANGLE
POWER FACTOR
SAG
LOW
NOISE
PRE-AMP
PHASE
A AND B
DATA
MISO/
SDA/Tx
MOSI/
SCL/Rx
Figure 1.


Similar Part No. - ADE7953

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
3-Channel, Sigma-Delta ADC with SPI
REV. 0
ADE7903ARWZ AD-ADE7903ARWZ Datasheet
994Kb / 20P
3-Channel, Sigma-Delta ADC with SPI
REV. 0
ADE7903ARWZ-RL AD-ADE7903ARWZ-RL Datasheet
994Kb / 20P
3-Channel, Sigma-Delta ADC with SPI
REV. 0
ADE7912 AD-ADE7912 Datasheet
949Kb / 44P
3-Channel, Isolated, Sigma-Delta ADC with SPI
REV. 0
ADE7912 AD-ADE7912 Datasheet
885Kb / 41P
3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
More results

Similar Description - ADE7953

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com