Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 35Page - Analog Devices ADE7953 Datasheet HTML 36Page - Analog Devices ADE7953 Datasheet HTML 37Page - Analog Devices ADE7953 Datasheet HTML 38Page - Analog Devices ADE7953 Datasheet HTML 39Page - Analog Devices ADE7953 Datasheet HTML 40Page - Analog Devices ADE7953 Datasheet HTML 41Page - Analog Devices ADE7953 Datasheet HTML 42Page - Analog Devices ADE7953 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 39 of 68
ANGLE MEASUREMENT
The ADE7953 can measure the time delay between the current
and voltage inputs. This feature is available on both Current
Channel A and Current Channel B. The negative-to-positive
transitions identified by the zero-crossing detection circuit are
used as a start and stop for the measurement (see Figure 60).
PHASE A
CURRENT
ANGLE_x
PHASE A
VOLTAGE
Figure 60. Current-to-Voltage Time Delay
The ADE7953 provides a time delay measurement on Current
Channel A and Current Channel B simultaneously. The result-
ing measurements are available in the 16-bit, signed registers
ANGLE_A (Address 0x10C) and ANGLE_B (Address 0x10D).
One LSB of the ANGLE_A or ANGLE_B register corresponds
to 4.47 μs (223 kHz clock). This results in a resolution of
0.0807° at 50 Hz ((360 × 50)/223 kHz) and 0.0969° at 60 Hz
((360 × 60)/223 kHz).
The time delay between the current and voltage inputs can be
used to characterize how balanced the load is. The delays between
phase voltages and currents can be used to compute the power
factor on Current Channel A and Current Channel B, respec-
tively, as shown in Equation 38.
×
×
=
φ
kHz
223
360
_
cos
cos
LINE
x
f
x
ANGLE
o
(38)
where:
x = A or B.
fLINE is 50 Hz or 60 Hz.
This method of determining the power factor does not take into
account the effect of any harmonics. Therefore, it may not be
equal to the true definition of power factor shown in Equation 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com