Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7953 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7953
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7953 Datasheet HTML 12Page - Analog Devices ADE7953 Datasheet HTML 13Page - Analog Devices ADE7953 Datasheet HTML 14Page - Analog Devices ADE7953 Datasheet HTML 15Page - Analog Devices ADE7953 Datasheet HTML 16Page - Analog Devices ADE7953 Datasheet HTML 17Page - Analog Devices ADE7953 Datasheet HTML 18Page - Analog Devices ADE7953 Datasheet HTML 19Page - Analog Devices ADE7953 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
ADE7953
Data Sheet
Rev. A | Page 16 of 68
TEST CIRCUIT
SAME AS
CF2
0.1µF
4.7µF
CS
MOSI/SCL/Rx
MISO/SDA/Tx
SCLK
CF2
CF1
REF
CLKOUT
CLKIN
RESET
IAP
IAN
IBP
IBN
VN
VP
PULL_HIGH
PULL_LOW
2
14
5
6
9
10
11
12
8
21
28
27
26
25
24
23
22
13
19
18
ADE7953
15
17
3
416
0.1µF
4.7µF
0.1µF
4.7µF
20pF
+
+
+
3.3V
3.3V
20pF
3.58MHz
PULL_HIGH
3.3V
7
33nF
1kΩ
1kΩ
1kΩ
10kΩ
10kΩ
10kΩ
500Ω
1kΩ
1MΩ
110V
33nF
3.3V
3.3V
1µF
33nF
33nF
1kΩ
1kΩ
33nF
33nF
ZX_I
REVP
1
20
ZX
IRQ
Figure 35. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com