Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 33 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
2-29
Architecture
MachXO2 Family Data Sheet
Figure 2-21. I
2C Core Block Diagram
Table 2-15 describes the signals interfacing with the I
2C cores.
Table 2-15. I
2C Core Signal Description
Hardened SPI IP Core
Every MachXO2 device has a hard SPI IP core that can be configured as a SPI master or slave. When the IP core
is configured as a master it will be able to control other SPI enabled chips connected to the SPI bus. When the core
is configured as the slave, the device will be able to interface to an external SPI master. The SPI IP core on
MachXO2 devices supports the following functions:
• Configurable Master and Slave modes
• Full-Duplex data transfer
• Mode fault error flag with CPU interrupt capability
• Double-buffered data register
• Serial clock with programmable polarity and phase
• LSB First or MSB First Data Transfer
• Interface to custom logic through 8-bit WISHBONE interface
Signal Name
I/O
Description
i2c_scl
Bi-directional
Bi-directional clock line of the I
2C core. The signal is an output if the I2C core is in master
mode. The signal is an input if the I
2C core is in slave mode. MUST be routed directly to the
pre-assigned I/O of the chip. Refer to the Pinout Information section of this document for
detailed pad and pin locations of I
2C ports in each MachXO2 device.
i2c_sda
Bi-directional
Bi-directional data line of the I
2C core. The signal is an output when data is transmitted from
the I
2C core. The signal is an input when data is received into the I2C core. MUST be routed
directly to the pre-assigned I/O of the chip. Refer to the Pinout Information section of this
document for detailed pad and pin locations of I
2C ports in each MachXO2 device.
i2c_irqo
Output
Interrupt request output signal of the I
2C core. The intended usage of this signal is for it to be
connected to the WISHBONE master controller (i.e. a microcontroller or state machine) and
request an interrupt when a specific condition is met. These conditions are described with
the I
2C register definitions.
cfg_wake
Output
Wake-up signal – To be connected only to the power module of the MachXO2 device. The
signal is enabled only if the “Wakeup Enable” feature has been set within the EFB GUI, I
2C
Tab.
cfg_stdby
Output
Stand-by signal – To be connected only to the power module of the MachXO2 device. The
signal is enabled only if the “Wakeup Enable” feature has been set within the EFB GUI, I
2C
Tab.
EFB
SCL
SDA
Configuration
Logic
Core
Logic/
Routing
Power
Control
I2C
Registers
EFB
WISHBONE
Interface
Control
Logic
I2C Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com