Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 24Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 25Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 26Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 27Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
2-24
Architecture
MachXO2 Family Data Sheet
Table 2-12. Supported Input Standards
Types of Output Buffers
Single-ended buffers with
complementary outputs (all I/O
banks)
Single-ended buffers with
complementary outputs (all I/O
banks)
Differential buffers with true
LVDS outputs (50% on top
side)
Single-ended buffers with
complementary outputs (all I/O
banks)
Differential buffers with true
LVDS outputs (50% on top
side)
Differential Output Emulation
Capability
All I/O banks
All I/O banks
All I/O banks
PCI Clamp Support
No
Clamp on bottom side only
Clamp on bottom side only
VCCIO (Typ.)
Input Standard
3.3V
2.5V
1.8V
1.5
1.2V
Single-Ended Interfaces
LVTTL
2
2
2
LVCMOS33
2
2
2
LVCMOS25
2
2
2
LVCMOS18
2
2
2
LVCMOS15
2
2
2
2
LVCMOS12
2
2
2
2
PCI
1
SSTL18 (Class I, Class II)
SSTL25 (Class I, Class II)
HSTL18 (Class I, Class II)
Differential Interfaces
LVDS

BLVDS, MVDS, LVPECL, RSDS

Differential SSTL18 Class I, II
Differential SSTL25 Class I, II
Differential HSTL18 Class I, II
1. Bottom banks of MachXO2-640U, MachXO2-1200/U and higher density devices only.
2. Reduced functionality. Refer to TN1202, MachXO2 sysIO Usage Guide for more detail.
MachXO2-256,
MachXO2-640
MachXO2-640U,
MachXO2-1200
MachXO2-1200U
MachXO2-2000/U,
MachXO2-4000,
MachXO2-7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com