Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 75 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 75 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 71Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 72Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 73Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 74Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 75Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 76Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 77Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 78Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 79Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
3-36
DC and Switching Characteristics
MachXO2 Family Data Sheet
sysCONFIG Port Timing Specifications
I
2C Port Timing Specifications1, 2
SPI Port Timing Specifications
1
Symbol
Parameter
Min.
Max.
Units
All Configuration Modes
tPRGM
PROGRAMN low pulse accept
55
—
ns
tPRGMJ
PROGRAMN low pulse rejection
—
25
ns
tINITL
INITN low time
—
55
us
tDPPINIT
PROGRAMN low to INITN low
—
70
ns
tDPPDONE
PROGRAMN low to DONE low
—
80
ns
tIODISS
PROGRAMN low to I/O disable
—
120
ns
Slave SPI
fMAX
CCLK clock frequency
—
66
MHz
tCCLKH
CCLK clock pulse width high
7.5
—
ns
tCCLKL
CCLK clock pulse width low
7.5
—
ns
tSTSU
CCLK setup time
2
—
ns
tSTH
CCLK hold time
0
—
ns
tSTCO
CCLK falling edge to valid output
—
10
ns
tSTOZ
CCLK falling edge to valid disable
—
10
ns
tSTOV
CCLK falling edge to valid enable
—
10
ns
tSCS
Chip select high time
25
—
ns
tSCSS
Chip select setup time
3
—
ns
tSCSH
Chip select hold time
3
—
ns
Master SPI
fMAX
MCLK clock frequency
—
133
MHz
tMCLKH
MCLK clock pulse width high
3.75
—
ns
tMCLKL
MCLK clock pulse width low
3.75
—
ns
tSTSU
MCLK setup time
5
—
ns
tSTH
MCLK hold time
1
—
ns
tCSSPI
INITN high to chip select low
100
200
ns
tMCLK
INITN high to first MCLK edge
0.75
1
us
Symbol
Parameter
Min.
Max.
Units
fMAX
Maximum SCL clock frequency
—
400
KHz
1. MachXO2 supports the following modes:
• Standard-mode (Sm), with a bit rate up to 100 kbit/s (user and configuration mode)
• Fast-mode (Fm), with a bit rate up to 400 kbit/s (user and configuration mode)
2. Refer to the I
2C specification for timing requirements.
Symbol
Parameter
Min.
Max.
Units
fMAX
Maximum SCK clock frequency
—
45
MHz
1. Applies to user mode only. For configuration mode timing specifications, refer to sysCONFIG Port Timing Specifications
table in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com