Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
3-4
DC and Switching Characteristics
MachXO2 Family Data Sheet
Static Supply Current – ZE Devices
1, 2, 3, 6
Static Power Consumption Contribution of Different Components –
ZE Devices
The table below can be used for approximating static power consumption. For a more accurate power analysis for
your design please use the Power Calculator tool.
Symbol
Parameter
Device
Typ.
4
Units
ICC
Core Power Supply
LCMXO2-256ZE
18
µA
LCMXO2-640ZE
28
µA
LCMXO2-1200ZE
56
µA
LCMXO2-2000ZE
80
µA
LCMXO2-4000ZE
124
µA
LCMXO2-7000ZE
189
µA
ICCIO
Bank Power Supply
5
VCCIO = 2.5V
All devices
0
mA
1. For further information on supply current, please refer to TN1198, Power Estimation and Management for MachXO2 Devices.
2. Assumes blank pattern with the following characteristics: all outputs are tri-stated, all inputs are configured as LVCMOS and held at VCCIO
or GND, on-chip oscillator is off, on-chip PLL is off. To estimate the impact of turning each of these items on, please refer to the following
table or for more detail with your specific design use the Power Calculator tool.
3. Frequency = 0 MHz.
4. TJ = 25°C, power supplies at nominal voltage.
5. Does not include pull-up/pull-down.
6. To determine the MachXO2 peak start-up current data, use the Power Calculator tool.
Symbol
Parameter
Typ.
Units
IDCBG
Bandgap DC power contribution
101
µA
IDCPOR
POR DC power contribution
38
µA
IDCIOBANKCONTROLLER
DC power contribution per I/O bank controller
143
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com