Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
2-35
Architecture
MachXO2 Family Data Sheet
For applications where security is important, the lack of an external bitstream provides a solution that is inherently
more secure than SRAM-based FPGAs. This is further enhanced by device locking. MachXO2 devices contain
security bits that, when set, prevent the readback of the SRAM configuration and non-volatile Flash memory
spaces. The device can be in one of two modes:
1.
Unlocked – Readback of the SRAM configuration and non-volatile Flash memory spaces is allowed.
2.
Permanently Locked – The device is permanently locked.
Once set, the only way to clear the security bits is to erase the device. To further complement the security of the
device, a One Time Programmable (OTP) mode is available. Once the device is set in this mode it is not possible to
erase or re-program the Flash and SRAM OTP portions of the device. For more details, refer to TN1204, MachXO2
Programming and Configuration Usage Guide.
Dual Boot
MachXO2 devices can optionally boot from two patterns, a primary bitstream and a golden bitstream. If the primary
bitstream is found to be corrupt while being downloaded into the SRAM, the device shall then automatically re-boot
from the golden bitstream. Note that the primary bitstream must reside in the on-chip Flash. The golden image
MUST reside in an external SPI Flash. For more details, refer to TN1204, MachXO2 Programming and Configura-
tion Usage Guide.
Soft Error Detection
The SED feature is a CRC check of the SRAM cells after the device is configured. This check ensures that the
SRAM cells were configured successfully. This feature is enabled by a configuration bit option. The Soft Error
Detection can also be initiated in user mode via an input to the fabric. The clock for the Soft Error Detection circuit
is generated using a dedicated divider. The undivided clock from the on-chip oscillator is the input to this divider.
For low power applications users can switch off the Soft Error Detection circuit. For more details, refer to TN1206,
MachXO2 Soft Error Detection Usage Guide.
TraceID
Each MachXO2 device contains a unique (per device), TraceID that can be used for tracking purposes or for IP
security applications. The TraceID is 64 bits long. Eight out of 64 bits are user-programmable, the remaining 56 bits
are factory-programmed. The TraceID is accessible through the EFB WISHBONE interface and can also be
accessed through the SPI, I
2C, or JTAG interfaces.
Density Shifting
The MachXO2 family has been designed to enable density migration within the same package. Furthermore, the
architecture ensures a high success rate when performing design migration from lower density devices to higher
density devices. In many cases, it is also possible to shift a lower utilization design targeted for a high-density
device to a lower density device. However, the exact details of the final resource utilization will impact the likely suc-
cess in each case. For more details refer to the MachXO2 migration files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com