Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 87 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 87 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 83Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 84Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 85Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 86Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 87Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 88Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 89Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 90Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 91Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
5-3
Ordering Information
MachXO2 Family Data Sheet
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-2000ZE-1TG100C
2112
1.2V
-1
Halogen-Free TQFP
100
COM
LCMXO2-2000ZE-2TG100C
2112
1.2V
-2
Halogen-Free TQFP
100
COM
LCMXO2-2000ZE-3TG100C
2112
1.2V
-3
Halogen-Free TQFP
100
COM
LCMXO2-2000ZE-1MG132C
2112
1.2V
-1
Halogen-Free csBGA
132
COM
LCMXO2-2000ZE-2MG132C
2112
1.2V
-2
Halogen-Free csBGA
132
COM
LCMXO2-2000ZE-3MG132C
2112
1.2V
-3
Halogen-Free csBGA
132
COM
LCMXO2-2000ZE-1TG144C
2112
1.2V
-1
Halogen-Free TQFP
144
COM
LCMXO2-2000ZE-2TG144C
2112
1.2V
-2
Halogen-Free TQFP
144
COM
LCMXO2-2000ZE-3TG144C
2112
1.2V
-3
Halogen-Free TQFP
144
COM
LCMXO2-2000ZE-1BG256C
2112
1.2V
-1
Halogen-Free caBGA
256
COM
LCMXO2-2000ZE-2BG256C
2112
1.2V
-2
Halogen-Free caBGA
256
COM
LCMXO2-2000ZE-3BG256C
2112
1.2V
-3
Halogen-Free caBGA
256
COM
LCMXO2-2000ZE-1FTG256C
2112
1.2V
-1
Halogen-Free ftBGA
256
COM
LCMXO2-2000ZE-2FTG256C
2112
1.2V
-2
Halogen-Free ftBGA
256
COM
LCMXO2-2000ZE-3FTG256C
2112
1.2V
-3
Halogen-Free ftBGA
256
COM
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-4000ZE-1MG132C
4320
1.2V
-1
Halogen-Free csBGA
132
COM
LCMXO2-4000ZE-2MG132C
4320
1.2V
-2
Halogen-Free csBGA
132
COM
LCMXO2-4000ZE-3MG132C
4320
1.2V
-3
Halogen-Free csBGA
132
COM
LCMXO2-4000ZE-1TG144C
4320
1.2V
-1
Halogen-Free TQFP
144
COM
LCMXO2-4000ZE-2TG144C
4320
1.2V
-2
Halogen-Free TQFP
144
COM
LCMXO2-4000ZE-3TG144C
4320
1.2V
-3
Halogen-Free TQFP
144
COM
LCMXO2-4000ZE-1BG256C
4320
1.2V
-1
Halogen-Free caBGA
256
COM
LCMXO2-4000ZE-2BG256C
4320
1.2V
-2
Halogen-Free caBGA
256
COM
LCMXO2-4000ZE-3BG256C
4320
1.2V
-3
Halogen-Free caBGA
256
COM
LCMXO2-4000ZE-1FTG256C
4320
1.2V
-1
Halogen-Free ftBGA
256
COM
LCMXO2-4000ZE-2FTG256C
4320
1.2V
-2
Halogen-Free ftBGA
256
COM
LCMXO2-4000ZE-3FTG256C
4320
1.2V
-3
Halogen-Free ftBGA
256
COM
LCMXO2-4000ZE-1BG332C
4320
1.2V
-1
Halogen-Free caBGA
332
COM
LCMXO2-4000ZE-2BG332C
4320
1.2V
-2
Halogen-Free caBGA
332
COM
LCMXO2-4000ZE-3BG332C
4320
1.2V
-3
Halogen-Free caBGA
332
COM
LCMXO2-4000ZE-1FG484C
4320
1.2V
-1
Halogen-Free fpBGA
484
COM
LCMXO2-4000ZE-2FG484C
4320
1.2V
-2
Halogen-Free fpBGA
484
COM
LCMXO2-4000ZE-3FG484C
4320
1.2V
-3
Halogen-Free fpBGA
484
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com