Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 20Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 21Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 23Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 24Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 25Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
2-18
Architecture
MachXO2 Family Data Sheet
Figure 2-15. MachXO2 Output Register Block Diagram (PIO on the Right Edges)
Tri-state Register Block
The tri-state register block registers tri-state control signals from the core of the device before they are passed to
the sysIO buffers. The block contains a register for SDR operation. In SDR, TD input feeds one of the flip-flops that
then feeds the output.
The tri-state register blocks on the right edge contain an additional register for DDR memory operation. In DDR
memory mode, the register TS input is fed into another register that is clocked using the DQSW90 signal. The out-
put of this register is used as a tri-state control.
Input Gearbox
Each PIC on the bottom edge has a built-in 1:8 input gearbox. Each of these input gearboxes may be programmed
as a 1:7 de-serializer or as one IDDRX4 (1:8) gearbox or as two IDDRX2 (1:4) gearboxes. Table 2-9 shows the
gearbox signals.
Table 2-9. Input Gearbox Signal List
Name
I/O Type
Description
D
Input
High-speed data input after programmable delay in PIO A
input register block
ALIGNWD
Input
Data alignment signal from device core
SCLK
Input
Slow-speed system clock
ECLK[1:0]
Input
High-speed edge clock
RST
Input
Reset
Q[7:0]
Output
Low-speed data to device core:
Video RX(1:7): Q[6:0]
GDDRX4(1:8): Q[7:0]
GDDRX2(1:4)(IOL-A): Q4, Q5, Q6, Q7
GDDRX2(1:4)(IOL-C): Q0, Q1, Q2, Q3
D Q
D1
D Q
Q1
D/L Q
Q0
D0
DQSW90
Q
SCLK
D Q
TQ
D/L Q
T0
TD
Output Register Block
Tristate Register Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com