Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
2-3
Architecture
MachXO2 Family Data Sheet
Slices
Slices 0-3 contain two LUT4s feeding two registers. Slices 0-2 can be configured as distributed memory. Table 2-1
shows the capability of the slices in PFU blocks along with the operation modes they enable. In addition, each PFU
contains logic that allows the LUTs to be combined to perform functions such as LUT5, LUT6, LUT7 and LUT8.
The control logic performs set/reset functions (programmable as synchronous/ asynchronous), clock select, chip-
select and wider RAM/ROM functions.
Table 2-1. Resources and Modes Available per Slice
Figure 2-4 shows an overview of the internal logic of the slice. The registers in the slice can be configured for posi-
tive/negative and edge triggered or level sensitive clocks. All slices have 15 inputs from routing and one from the
carry-chain (from the adjacent slice or PFU). There are seven outputs: six for routing and one to carry-chain (to the
adjacent PFU). Table 2-2 lists the signals associated with Slices 0-3.
Figure 2-4. Slice Diagram
Slice
PFU Block
Resources
Modes
Slice 0
2 LUT4s and 2 Registers
Logic, Ripple, RAM, ROM
Slice 1
2 LUT4s and 2 Registers
Logic, Ripple, RAM, ROM
Slice 2
2 LUT4s and 2 Registers
Logic, Ripple, RAM, ROM
Slice 3
2 LUT4s and 2 Registers
Logic, Ripple, ROM
LUT4 &
Carry
Slice
Flip-flop/
Latch
OFX0
F0
Q0
CI
CO
LUT4 &
Carry
CI
CO
OFX1
F1
Q1
F/SUM
F/SUM
D
D
FCI From
Different
Slice/PFU
Memory &
Control
Signals
FCO To Different Slice/PFU
LUT5
Mux
From
Routing
To
Routing
For Slices 0 and 1, memory control signals are generated from Slice 2 as follows:
• WCK is CLK
• WRE is from LSR
• DI[3:2] for Slice 1 and DI[1:0] for Slice 0 data from Slice 2
• WAD [A:D] is a 4-bit address from slice 2 LUT input
A0
C0
D0
A1
B1
C1
D1
CE
CLK
LSR
M1
M0
FXB
FXA
B0
Flip-flop/
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com