Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 42 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 42 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 46Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
3-3
DC and Switching Characteristics
MachXO2 Family Data Sheet
DC Electrical Characteristics
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IIL, IIH
1, 4
Input or I/O Leakage
Clamp OFF and VCCIO < VIN < VIH (MAX)
—
—
+175
µA
Clamp OFF and VIN = VCCIO
-10
—
10
µA
Clamp OFF and VCCIO - 0.97V < VIN <
VCCIO
-175
——
µA
Clamp OFF and 0V < VIN < VCCIO - 0.97V
—
—
10
µA
Clamp OFF and VIN = GND
—
—
10
µA
Clamp ON and 0V < VIN < VCCIO
——
10
µA
IPU
I/O Active Pull-up Current
0 < VIN < 0.7 VCCIO
-30
—
-309
µA
IPD
I/O Active Pull-down
Current
VIL (MAX) < VIN < VCCIO
30
—
305
µA
IBHLS
Bus Hold Low sustaining
current
VIN = VIL (MAX)
30
——
µA
IBHHS
Bus Hold High sustaining
current
VIN = 0.7VCCIO
-30
—
—
µA
IBHLO
Bus Hold Low Overdrive
current
0
 V
IN VCCIO
—
—
305
µA
IBHHO
Bus Hold High Overdrive
current
0
 V
IN VCCIO
—
—
-309
µA
VBHT
3
Bus Hold Trip Points
VIL
(MAX)
—
VIH
(MIN)
V
C1
I/O Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = Typ., VIO = 0 to VIH (MAX)
359
pf
C2
Dedicated Input
Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = Typ., VIO = 0 to VIH (MAX)
35.5
7
pf
VHYST
Hysteresis for Schmitt
Trigger Inputs
5
VCCIO = 3.3V, Hysteresis = Large
—
450
—
mV
VCCIO = 2.5V, Hysteresis = Large
—
250
—
mV
VCCIO = 1.8V, Hysteresis = Large
—
125
—
mV
VCCIO = 1.5V, Hysteresis = Large
—
100
—
mV
VCCIO = 3.3V, Hysteresis = Small
—
250
—
mV
VCCIO = 2.5V, Hysteresis = Small
—
150
—
mV
VCCIO = 1.8V, Hysteresis = Small
—
60
—
mV
VCCIO = 1.5V, Hysteresis = Small
—
40
—
mV
1. Input or I/O leakage current is measured with the pin configured as an input or as an I/O with the output driver tri-stated. It is not measured
with the output driver active. Bus maintenance circuits are disabled.
2. TA 25°C, f = 1.0MHz.
3. Please refer to VIL and VIH in the sysIO Single-Ended DC Electrical Characteristics table of this document.
4. When VIH is higher than VCCIO, a transient current typically of 30ns in duration or less with a peak current of 6mA can occur on the high-to-
low transition. For true LVDS output pins in MachXO2-640U, MachXO2-1200/U and larger devices, VIH must be less than or equal to VCCIO.
5. With bus keeper circuit turned on. For more details, refer to TN1202, MachXO2 sysIO Usage Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com