Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 62 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 62 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 66Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
3-23
DC and Switching Characteristics
MachXO2 Family Data Sheet
MachXO2 External Switching Characteristics – ZE Devices
1, 2, 3, 4, 5, 6, 7
Over Recommended Operating Conditions
Parameter
Description
Device
-3
-2
-1
Units
Min.
Max.
Min.
Max.
Min.
Max.
Clocks
Primary Clocks
fMAX_PRI
8
Frequency for Primary Clock
Tree
All MachXO2 devices
—
150
—
125
—
104
MHz
tW_PRI
Clock Pulse Width for Primary
Clock
All MachXO2 devices
1.00
—
1.20
—
1.40
—
ns
tSKEW_PRI
Primary Clock Skew Within a
Device
MachXO2-256ZE
—
1250
—
1272
—
1296
ps
MachXO2-640ZE
—
1161
—
1183
—
1206
ps
MachXO2-1200ZE
—
1213
—
1267
—
1322
ps
MachXO2-2000ZE
—
1204
—
1250
—
1296
ps
MachXO2-4000ZE
—
1195
—
1233
—
1269
ps
MachXO2-7000ZE
—
1243
—
1268
—
1296
ps
Edge Clock
fMAX_EDGE
8
Frequency for Edge Clock
MachXO2-1200 and
larger devices
—210
—175
—146
MHz
Pin-LUT-Pin Propagation Delay
tPD
Best case propagation delay
through one LUT-4
All MachXO2 devices
—
9.35
—
9.78
—
10.21
ns
General I/O Pin Parameters (Using Primary Clock without PLL)
tCO
Clock to Output - PIO Output
Register
MachXO2-256ZE
—
10.46
—
10.86
—
11.25
ns
MachXO2-640ZE
—
10.52
—
10.92
—
11.32
ns
MachXO2-1200ZE
—
11.24
—
11.68
—
12.12
ns
MachXO2-2000ZE
—
11.27
—
11.71
—
12.16
ns
MachXO2-4000ZE
—
11.28
—
11.78
—
12.28
ns
MachXO2-7000ZE
—
11.22
—
11.76
—
12.30
ns
tSU
Clock to Data Setup - PIO
Input Register
MachXO2-256ZE
-0.21
—
-0.21
—
-0.21
—
ns
MachXO2-640ZE
-0.22
—
-0.22
—
-0.22
—
ns
MachXO2-1200ZE
-0.25
—
-0.25
—
-0.25
—
ns
MachXO2-2000ZE
-0.27
—
-0.27
—
-0.27
—
ns
MachXO2-4000ZE
-0.31
—
-0.31
—
-0.31
—
ns
MachXO2-7000ZE
-0.33
—
-0.33
—
-0.33
—
ns
tH
Clock to Data Hold - PIO Input
Register
MachXO2-256ZE
3.96
—
4.25
—
4.65
—
ns
MachXO2-640ZE
4.01
—
4.31
—
4.71
—
ns
MachXO2-1200ZE
3.95
—
4.29
—
4.73
—
ns
MachXO2-2000ZE
3.94
—
4.29
—
4.74
—
ns
MachXO2-4000ZE
3.96
—
4.36
—
4.87
—
ns
MachXO2-7000ZE
3.93
—
4.37
—
4.91
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com