Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 14Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 15Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 16Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
2-12
Architecture
MachXO2 Family Data Sheet
The EBR memory supports three forms of write behavior for single or dual port operation:
1.
Normal – Data on the output appears only during the read cycle. During a write cycle, the data (at the current
address) does not appear on the output. This mode is supported for all data widths.
2.
Write Through – A copy of the input data appears at the output of the same port. This mode is supported for
all data widths.
3.
Read-Before-Write – When new data is being written, the old contents of the address appears at the output.
FIFO Configuration
The FIFO has a write port with data-in, CEW, WE and CLKW signals. There is a separate read port with data-out,
RCE, RE and CLKR signals. The FIFO internally generates Almost Full, Full, Almost Empty and Empty Flags. The
Full and Almost Full flags are registered with CLKW. The Empty and Almost Empty flags are registered with CLKR.
Table 2-7 shows the range of programming values for these flags.
Table 2-7. Programmable FIFO Flag Ranges
The FIFO state machine supports two types of reset signals: RST and RPRST. The RST signal is a global reset
that clears the contents of the FIFO by resetting the read/write pointer and puts the FIFO flags in their initial reset
state. The RPRST signal is used to reset the read pointer. The purpose of this reset is to retransmit the data that is
in the FIFO. In these applications it is important to keep careful track of when a packet is written into or read from
the FIFO.
Memory Core Reset
The memory core contains data output latches for ports A and B. These are simple latches that can be reset syn-
chronously or asynchronously. RSTA and RSTB are local signals, which reset the output latches associated with
port A and port B respectively. The Global Reset (GSRN) signal resets both ports. The output data latches and
associated resets for both ports are as shown in Figure 2-9.
Figure 2-9. Memory Core Reset
Flag Name
Programming Range
Full (FF)
1 to max (up to 2
N-1)
Almost Full (AF)
1 to Full-1
Almost Empty (AE)
1 to Full-1
Empty (EF)
0
N = Address bit width.
Q
SET
D
Output Data
Latches
Memory Core
Port A[18:0]
Q
SET
D
Port B[18:0]
RSTB
GSRN
Programmable Disable
RSTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com