Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 5 Page - Lattice Semiconductor

  LCMXO2-1200ZE-2TG144C Datasheet HTML 1Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 2Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 3Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 4Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 5Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 106 page
background image
www.latticesemi.com
2-1
DS1035 Architecture_01.5
January 2013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Architecture Overview
The MachXO2 family architecture contains an array of logic blocks surrounded by Programmable I/O (PIO). The
larger logic density devices in this family have sysCLOCK™ PLLs and blocks of sysMEM Embedded Block RAM
(EBRs). Figures 2-1 and 2-2 show the block diagrams of the various family members.
Figure 2-1. Top View of the MachXO2-1200 Device
Figure 2-2. Top View of the MachXO2-4000 Device
sysMEM Embedded
Block RAM (EBR)
sysCLOCK PLL
PIOs Arranged into
sysIO Banks
Programmable Function Units
with Distributed RAM (PFUs)
Embedded Function
Block (EFB)
User Flash Memory
(UFM)
On-chip Configuration
Flash Memory
Note: MachXO2-256, and MachXO2-640/U are similar to MachXO2-1200. MachXO2-256 has a lower LUT count and no PLL or EBR blocks.
MachXO2-640 has no PLL, a lower LUT count and two EBR blocks. MachXO2-640U has a lower LUT count, one PLL and seven EBR blocks.
sysMEM Embedded
Block RAM (EBR)
Programmable Function Units
with Distributed RAM (PFUs)
On-chip Configuration
Flash Memory
sysCLOCK PLL
PIOs Arranged into
sysIO Banks
Embedded
Function Block(EFB)
User Flash
Memory (UFM)
Note: MachXO2-1200U, MachXO2-2000/U and MachXO2-7000 are similar to MachXO2-4000. MachXO2-1200U and MachXO2-2000 have a lower LUT count,
one PLL, and eight EBR blocks. MachXO2-2000U has a lower LUT count, two PLLs, and 10 EBR blocks. MachXO2-7000 has a higher LUT count, two PLLs,
and 26 EBR blocks.
MachXO2 Family Data Sheet
Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com