Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 29 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 29 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 25Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 26Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 27Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 28Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 29Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 33Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
2-25
Architecture
MachXO2 Family Data Sheet
Table 2-13. Supported Output Standards
sysIO Buffer Banks
The numbers of banks vary between the devices of this family. MachXO2-1200U, MachXO2-2000/U and higher
density devices have six I/O banks (one bank on the top, right and bottom side and three banks on the left side).
The MachXO2-1200 and lower density devices have four banks (one bank per side). Figures 2-18 and 2-19 show
the sysIO banks and their associated supplies for all devices.
Output Standard
VCCIO (Typ.)
Single-Ended Interfaces
LVTTL
3.3
LVCMOS33
3.3
LVCMOS25
2.5
LVCMOS18
1.8
LVCMOS15
1.5
LVCMOS12
1.2
LVCMOS33, Open Drain
—
LVCMOS25, Open Drain
—
LVCMOS18, Open Drain
—
LVCMOS15, Open Drain
—
LVCMOS12, Open Drain
—
PCI33
3.3
SSTL25 (Class I)
2.5
SSTL18 (Class I)
1.8
HSTL18(Class I)
1.8
Differential Interfaces
LVDS
1, 2
2.5, 3.3
BLVDS, MLVDS, RSDS
2
2.5
LVPECL
2
3.3
Differential SSTL18
1.8
Differential SSTL25
2.5
Differential HSTL18
1.8
1. MachXO2-640U, MachXO2-1200/U and larger devices have dedicated LVDS buffers.
2. These interfaces can be emulated with external resistors in all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com