Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 56Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
3-20
DC and Switching Characteristics
MachXO2 Family Data Sheet
Generic DDR4 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX4_RX.ECLK.Aligned
9
tDVA
Input Data Valid After ECLK
MachXO2-640U,
MachXO2-1200/U and
larger devices,
bottom side only
—
0.290
—
0.320
—
0.345
UI
tDVE
Input Data Hold After ECLK
0.739
—
0.699
—
0.703
—
UI
fDATA
DDRX4 Serial Input Data
Speed
—
756
—
630
—
524
Mbps
fDDRX4
DDRX4 ECLK Frequency
—
378
—
315
—
262
MHz
fSCLK
SCLK Frequency
—
95
—
79
—
66
MHz
Generic DDR4 Inputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX4_RX.ECLK.Centered
9
tSU
Input Data Setup Before ECLK
MachXO2-640U,
MachXO2-1200/U and
larger devices,
bottom side only
0.233
—
0.219
—
0.198
—
ns
tHO
Input Data Hold After ECLK
0.287
—
0.287
—
0.344
—
ns
fDATA
DDRX4 Serial Input Data
Speed
—
756
—
630
—
524
Mbps
fDDRX4
DDRX4 ECLK Frequency
—
378
—
315
—
262
MHz
fSCLK
SCLK Frequency
—
95
—
79
—
66
MHz
7:1 LVDS Inputs (GDDR71_RX.ECLK.7:1)
9
tDVA
Input Data Valid After ECLK
MachXO2-640U,
MachXO2-1200/U and
larger devices, bottom
side only
—
0.290
—
0.320
—
0.345
UI
tDVE
Input Data Hold After ECLK
0.739
—
0.699
—
0.703
—
UI
fDATA
DDR71 Serial Input Data
Speed
—
756
—
630
—
524
Mbps
fDDR71
DDR71 ECLK Frequency
—
378
—
315
—
262
MHz
fCLKIN
7:1 Input Clock Frequency
(SCLK) (minimum limited by
PLL)
—
108
—
90
—
75
MHz
Generic DDR Outputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX1_TX.SCLK.Aligned
9
tDIA
Output Data Invalid After CLK
Output
All MachXO2 devices,
all sides
—
0.520
—
0.550
—
0.580
ns
tDIB
Output Data Invalid Before
CLK Output
—
0.520
—
0.550
—
0.580
ns
fDATA
DDRX1 Output Data Speed
—
300
—
250
—
208
Mbps
fDDRX1
DDRX1 SCLK frequency
—
150
—
125
—
104
MHz
Generic DDR Outputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX1_TX.SCLK.Centered
9
tDVB
Output Data Valid Before CLK
Output
All MachXO2 devices,
all sides
1.210
—
1.510
—
1.870
—
ns
tDVA
Output Data Valid After CLK
Output
1.210
—
1.510
—
1.870
—
ns
fDATA
DDRX1 Output Data Speed
—
300
—
250
—
208
Mbps
fDDRX1
DDRX1 SCLK Frequency
(minimum limited by PLL)
—
150
—
125
—
104
MHz
Generic DDRX2 Outputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX2_TX.ECLK.Aligned
9
tDIA
Output Data Invalid After CLK
Output
MachXO2-640U,
MachXO2-1200/U and
larger devices, top side
only
—
0.200
—
0.215
—
0.230
ns
tDIB
Output Data Invalid Before
CLK Output
—
0.200
—
0.215
—
0.230
ns
fDATA
DDRX2 Serial Output Data
Speed
—
664
—
554
—
462
Mbps
fDDRX2
DDRX2 ECLK frequency
—
332
—
277
—
231
MHz
fSCLK
SCLK Frequency
—
166
—
139
—
116
MHz
Parameter
Description
Device
-6
-5
-4
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com