Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 77 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 77 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 73Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 74Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 75Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 76Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 77Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 78Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 79Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 80Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 81Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
www.latticesemi.com
4-1
DS1035 Pinout Information_01.7
January 3013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Signal Descriptions
Signal Name
I/O
Descriptions
General Purpose
P[Edge] [Row/Column
Number]_[A/B/C/D]
I/O
[Edge] indicates the edge of the device on which the pad is located. Valid edge designations
are L (Left), B (Bottom), R (Right), T (Top).
[Row/Column Number] indicates the PFU row or the column of the device on which the PIO
Group exists. When Edge is T (Top) or (Bottom), only need to specify Row Number. When
Edge is L (Left) or R (Right), only need to specify Column Number.
[A/B/C/D] indicates the PIO within the group to which the pad is connected.
Some of these user-programmable pins are shared with special function pins. When not used
as special function pins, these pins can be programmed as I/Os for user logic.
During configuration of the user-programmable I/Os, the user has an option to tri-state the
I/Os and enable an internal pull-up, pull-down or buskeeper resistor. This option also applies
to unused pins (or those not bonded to a package pin). The default during configuration is for
user-programmable I/Os to be tri-stated with an internal pull-down resistor enabled. When the
device is erased, I/Os will be tri-stated with an internal pull-down resistor enabled. Some pins,
such as PROGRAMN and JTAG pins, default to tri-stated I/Os with pull-up resistors enabled
when the device is erased.
NC
—
No connect.
GND
—
GND – Ground. Dedicated pins. It is recommended that all GNDs are tied together.
VCC
—
VCC – The power supply pins for core logic. Dedicated pins. It is recommended that all VCCs
are tied to the same supply.
VCCIOx
—
VCCIO – The power supply pins for I/O Bank x. Dedicated pins. It is recommended that all
VCCIOs located in the same bank are tied to the same supply.
PLL and Clock Functions (Used as user-programmable I/O pins when not used for PLL or clock pins)
[LOC]_GPLL[T, C]_IN
—
Reference Clock (PLL) input pads: [LOC] indicates location. Valid designations are L (Left
PLL) and R (Right PLL). T = true and C = complement.
[LOC]_GPLL[T, C]_FB
—
Optional Feedback (PLL) input pads: [LOC] indicates location. Valid designations are L (Left
PLL) and R (Right PLL). T = true and C = complement.
PCLK [n]_[2:0]
—
Primary Clock pads. One to three clock pads per side.
Test and Programming (Dual function pins used for test access port and during sysCONFIG™)
TMS
I
Test Mode Select input pin, used to control the 1149.1 state machine.
TCK
I
Test Clock input pin, used to clock the 1149.1 state machine.
TDI
I
Test Data input pin, used to load data into the device using an 1149.1 state machine.
TDO
O
Output pin – Test Data output pin used to shift data out of the device using 1149.1.
JTAGENB
I
Optionally controls behavior of TDI, TDO, TMS, TCK. If the device is configured to use the
JTAG pins (TDI, TDO, TMS, TCK) as general purpose I/O, then:
If JTAGENB is low: TDI, TDO, TMS and TCK can function a general purpose I/O.
If JTAGENB is high: TDI, TDO, TMS and TCK function as JTAG pins.
For more details, refer to TN1204, MachXO2 Programming and Configuration Usage Guide.
Configuration (Dual function pins used during sysCONFIG)
PROGRAMN
I
Initiates configuration sequence when asserted low. This pin always has an active pull-up.
INITN
I/O
Open Drain pin. Indicates the FPGA is ready to be configured. During configuration, a pull-up
is enabled.
MachXO2 Family Data Sheet
Pinout Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com