Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 44Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 45Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 46Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 47Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 48Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
3-6
DC and Switching Characteristics
MachXO2 Family Data Sheet
Programming and Erase Flash Supply Current – HC/HE Devices
1, 2, 3, 4
Symbol
Parameter
Device
Typ.
5
Units
ICC
Core Power Supply
LCMXO2-256HC
14.6
mA
LCMXO2-640HC
16.1
mA
LCMXO2-640UHC
18.8
mA
LCMXO2-1200HC
18.8
mA
LCMXO2-1200UHC
22.1
mA
LCMXO2-2000HC
22.1
mA
LCMXO2-2000UHC
26.8
mA
LCMXO2-4000HC
26.8
mA
LCMXO2-7000HC
33.2
mA
LCMXO2-2000HE
18.3
mA
LCMXO2-2000UHE
20.4
mA
LCMXO2-4000HE
20.4
mA
LCMXO2-7000HE
23.9
mA
ICCIO
Bank Power Supply
6
All devices
0
mA
1. For further information on supply current, please refer to TN1198, Power Estimation and Management for MachXO2 Devices.
2. Assumes all inputs are held at VCCIO or GND and all outputs are tri-stated.
3. Typical user pattern.
4. JTAG programming is at 25 MHz.
5. TJ = 25°C, power supplies at nominal voltage.
6. Per bank. VCCIO = 2.5V. Does not include pull-up/pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com