Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-1200ZE-2TG144C Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LCMXO2-1200ZE-2TG144C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 42Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 43Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
www.latticesemi.com
3-1
DS1035 DC and Switching_01.8
January 2013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Absolute Maximum Ratings
1, 2, 3, 4
MachXO2 ZE/HE (1.2V)
MachXO2 HC (2.5V/3.3V)
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 1.32V . . . . . . . . . . . . . . . -0.5 to 3.75V
Output Supply Voltage VCCIO . . . . . . . . . . . . . . . . -0.5 to 3.75V . . . . . . . . . . . . . . . -0.5 to 3.75V
I/O Tri-state Voltage Applied
5
. . . . . . . . . . . . . . . . -0.5 to 3.75V . . . . . . . . . . . . . . . -0.5 to 3.75V
Dedicated Input Voltage Applied . . . . . . . . . . . . . . -0.5 to 3.75V . . . . . . . . . . . . . . . -0.5 to 3.75V
Storage Temperature (Ambient). . . . . . . . . . . . . . -55°C to 125°C . . . . . . . . . . . . . -55°C to 125°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . -40°C to 125°C . . . . . . . . . . . . . -40°C to 125°C
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
4. Overshoot and undershoot of -2V to (VIHMAX + 2) volts is permitted for a duration of <20ns.
5. The dual function I
2C pins SCL and SDA are limited to -0.25V to 3.75V or to -0.3V with a duration of <20ns.
Recommended Operating Conditions
1
Power Supply Ramp Rates
1
Symbol
Parameter
Min.
Max.
Units
VCC
1
Core Supply Voltage for 1.2V Devices
1.14
1.26
V
Core Supply Voltage for 2.5V/3.3V Devices
2.375
3.465
V
VCCIO
1, 2, 3
I/O Driver Supply Voltage
1.14
3.465
V
tJCOM
Junction Temperature Commercial Operation
0
85
°C
tJIND
Junction Temperature Industrial Operation
-40
100
°C
1. Like power supplies must be tied together. For example, if VCCIO and VCC are both the same voltage, they must also be the same
supply.
2. See recommended voltages by I/O standard in subsequent table.
3. VCCIO pins of unused I/O banks should be connected to the VCC power supply on boards.
Symbol
Parameter
Min.
Typ.
Max.
Units
tRAMP
Power supply ramp rates for all power supplies.
0.01
—
100
V/ms
1. Assumes monotonic ramp rates.
MachXO2 Family Data Sheet
DC and Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com