Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 209 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 209 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 205Page - Microchip Technology 30F4013 Datasheet HTML 206Page - Microchip Technology 30F4013 Datasheet HTML 207Page - Microchip Technology 30F4013 Datasheet HTML 208Page - Microchip Technology 30F4013 Datasheet HTML 209Page - Microchip Technology 30F4013 Datasheet HTML 210Page - Microchip Technology 30F4013 Datasheet HTML 211Page - Microchip Technology 30F4013 Datasheet HTML 212Page - Microchip Technology 30F4013 Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 209
dsPIC30F3014/4013
TABLE 23-38: 12-BIT A/D CONVERSION TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.7V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Clock Parameters
AD50
TAD
A/D Clock Period
334
—
—
ns
VDD = 3-5.5V (Note 1)
AD51
tRC
A/D Internal RC Oscillator Period
1.2
1.5
1.8
s
Conversion Rate
AD55
tCONV
Conversion Time
—
14 TAD
ns
AD56
FCNV
Throughput Rate
—
200
—
ksps
VDD = VREF = 5V
AD57
TSAMP
Sampling Time
1 TAD
——
ns
VDD = 3-5.5V source
resistance
RS = 0-2.5 k
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger
—1 TAD
—ns
AD61
tPSS
Sample Start from Setting
Sample (SAMP) Bit
0.5 TAD
—1.5
TAD
ns
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)
—0.5 TAD
—ns
AD63
tDPU(2)
Time to Stabilize Analog Stage
from A/D Off to A/D On
——
20
s
Note 1:
Because the sample caps will eventually lose charge, clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures.
2:
tDPU is the time required for the ADC module to stabilize when it is turned on (ADCON1<ADON> = 1).
During this time the ADC result is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com