Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 206 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 206 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 202Page - Microchip Technology 30F4013 Datasheet HTML 203Page - Microchip Technology 30F4013 Datasheet HTML 204Page - Microchip Technology 30F4013 Datasheet HTML 205Page - Microchip Technology 30F4013 Datasheet HTML 206Page - Microchip Technology 30F4013 Datasheet HTML 207Page - Microchip Technology 30F4013 Datasheet HTML 208Page - Microchip Technology 30F4013 Datasheet HTML 209Page - Microchip Technology 30F4013 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 206
 2010 Microchip Technology Inc.
TABLE 23-37: 12-BIT A/D MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD – 0.3
or 2.7
—
Lesser of
VDD + 0.3
or 5.5
V
AD02
AVSS
Module VSS Supply
VSS - 0.3
—
VSS + 0.3
V
Reference Inputs
AD05
VREFH
Reference Voltage High
AVSS + 2.7
—
AVDD
V
AD06
VREFL
Reference Voltage Low
AVSS
—AVDD – 2.7
V
AD07
VREF
Absolute Reference
Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD08
IREF
Current Drain
—
200
.001
300
2
A
A
A/D operating
A/D off
Analog Input
AD10
VINH-VINL Full-Scale Input Span
VREFL
—VREFH
V
Note 1
AD11
VIN
Absolute Input Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD12
—
Leakage Current
—
±0.001
±0.610
AVINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
Source Impedance = 2.5 k
AD13
—
Leakage Current
—
±0.001
±0.610
AVINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
Source Impedance =
2.5 k
AD15
RSS
Switch Resistance
—
3.2K
—
AD16
CSAMPLE
Sample Capacitor
—
18
pF
AD17
RIN
Recommended Impedance
of Analog Voltage Source
—
—
2.5K
DC Accuracy
AD20
Nr
Resolution
12 data bits
bits
AD21
INL
Integral Nonlinearity
—
—
<±1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD21A INL
Integral Nonlinearity
—
—
<±1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD22
DNL
Differential Nonlinearity
—
—
<±1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD22A DNL
Differential Nonlinearity
—
—
<±1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD23
GERR
Gain Error
+1.25
+1.5
+3
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 5V
AD23A GERR
Gain Error
+1.25
+1.5
+3
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
Note 1:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com