Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 204 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 204 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 200Page - Microchip Technology 30F4013 Datasheet HTML 201Page - Microchip Technology 30F4013 Datasheet HTML 202Page - Microchip Technology 30F4013 Datasheet HTML 203Page - Microchip Technology 30F4013 Datasheet HTML 204Page - Microchip Technology 30F4013 Datasheet HTML 205Page - Microchip Technology 30F4013 Datasheet HTML 206Page - Microchip Technology 30F4013 Datasheet HTML 207Page - Microchip Technology 30F4013 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 204
 2010 Microchip Technology Inc.
TABLE 23-35: I2C™ BUS DATA TIMING REQUIREMENTS (SLAVE MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
IS10
TLO:SCL
Clock Low Time
100 kHz mode
4.7
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
s
Device must operate at a
minimum of 10 MHz.
1 MHz mode(1)
0.5
—
s
IS11
THI:SCL
Clock High Time
100 kHz mode
4.0
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
s
Device must operate at a
minimum of 10 MHz
1 MHz mode(1)
0.5
—
s
IS20
TF:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
100
ns
IS21
TR:SCL
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(1)
—
300
ns
IS25
TSU:DAT
Data Input
Setup Time
100 kHz mode
250
—
ns
400 kHz mode
100
—
ns
1 MHz mode(1)
100
—
ns
IS26
THD:DAT
Data Input
Hold Time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9
s
1 MHz mode(1)
00.3
s
IS30
TSU:STA
Start Condition
Setup Time
100 kHz mode
4.7
—
s
Only relevant for Repeated
Start condition
400 kHz mode
0.6
—
s
1 MHz mode(1)
0.25
—
s
IS31
THD:STA
Start Condition
Hold Time
100 kHz mode
4.0
—
s
After this period, the first
clock pulse is generated
400 kHz mode
0.6
—
s
1 MHz mode(1)
0.25
—
s
IS33
TSU:STO
Stop Condition
Setup Time
100 kHz mode
4.7
—
s
400 kHz mode
0.6
—
s
1 MHz mode(1)
0.6
—
s
IS34
THD:STO
Stop Condition
100 kHz mode
4000
—
ns
Hold Time
400 kHz mode
600
—
ns
1 MHz mode(1)
250
ns
IS40
TAA:SCL
Output Valid From
Clock
100 kHz mode
0
3500
ns
400 kHz mode
0
1000
ns
1 MHz mode(1)
0
350
ns
IS45
TBF:SDA
Bus Free Time
100 kHz mode
4.7
—
s
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
s
1 MHz mode(1)
0.5
—
s
IS50
CB
Bus Capacitive
Loading
—
400
pF
Note 1:
Maximum pin capacitance = 10 pF for all I2C pins (for 1 MHz mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com