Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 201 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 201 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 197Page - Microchip Technology 30F4013 Datasheet HTML 198Page - Microchip Technology 30F4013 Datasheet HTML 199Page - Microchip Technology 30F4013 Datasheet HTML 200Page - Microchip Technology 30F4013 Datasheet HTML 201Page - Microchip Technology 30F4013 Datasheet HTML 202Page - Microchip Technology 30F4013 Datasheet HTML 203Page - Microchip Technology 30F4013 Datasheet HTML 204Page - Microchip Technology 30F4013 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 201
dsPIC30F3014/4013
FIGURE 23-18:
I2C™ BUS START/STOP BITS TIMING CHARACTERISTICS (MASTER MODE)
FIGURE 23-19:
I2C™ BUS DATA TIMING CHARACTERISTICS (MASTER MODE)
TABLE 23-34: I2C™ BUS DATA TIMING REQUIREMENTS (MASTER MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Max
Units
Conditions
IM10
TLO:SCL
Clock Low Time 100 kHz mode
TCY/2 (BRG + 1)
—
s
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM11
THI:SCL
Clock High Time 100 kHz mode
TCY/2 (BRG + 1)
—
s
400 kHz mode
TCY/2 (BRG + 1)
—
s
1 MHz mode(2)
TCY/2 (BRG + 1)
—
s
IM20
TF:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
CB is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(2)
—
100
ns
Note 1:
BRG is the value of the I2C Baud Rate Generator. Refer to Section 21. “Inter-Integrated Circuit™ (I2C)”
in the “dsPIC30F Family Reference Manual” (DS70046).
2:
Maximum pin capacitance = 10 pF for all I2C pins (for 1 MHz mode only).
IM31
IM34
SCL
SDA
Start
Condition
Stop
Condition
IM30
IM33
Note: Refer to Figure 23-3 for load conditions.
IM11
IM10
IM33
IM11
IM10
IM20
IM26
IM25
IM40
IM40
IM45
IM21
SCL
SDA
In
SDA
Out
Note: Refer to Figure 23-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com