Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 197 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 197 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 193Page - Microchip Technology 30F4013 Datasheet HTML 194Page - Microchip Technology 30F4013 Datasheet HTML 195Page - Microchip Technology 30F4013 Datasheet HTML 196Page - Microchip Technology 30F4013 Datasheet HTML 197Page - Microchip Technology 30F4013 Datasheet HTML 198Page - Microchip Technology 30F4013 Datasheet HTML 199Page - Microchip Technology 30F4013 Datasheet HTML 200Page - Microchip Technology 30F4013 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 197
dsPIC30F3014/4013
FIGURE 23-16:
SPI MODULE SLAVE MODE (CKE = 0) TIMING CHARACTERISTICS
TABLE 23-31: SPI MODULE MASTER MODE (CKE = 1) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SP10
TscL
SCKX Output Low Time(3)
TCY/2
—
—
ns
SP11
TscH
SCKX Output High Time(3)
TCY/2
—
—
ns
SP20
TscF
SCKX Output Fall Time(4)
—
—
—
ns
See parameter
DO32
SP21
TscR
SCKX Output Rise Time(4)
—
—
—
ns
See parameter
DO31
SP30
TdoF
SDOX Data Output Fall
Time(4)
—
—
—
ns
See parameter
DO32
SP31
TdoR
SDOX Data Output Rise
Time(4)
—
—
—
ns
See parameter
DO31
SP35
TscH2do,
TscL2doV
SDOX Data Output Valid after
SCKX Edge
—
—
30
ns
SP36
TdoV2sc,
TdoV2scL
SDOX Data Output Setup to
First SCKX Edge
30
—
—
ns
SP40
TdiV2scH,
TdiV2scL
Setup Time of SDIX Data
Input to SCKX Edge
20
—
—
ns
SP41
TscH2diL,
TscL2diL
Hold Time of SDIX Data Input
to SCKX Edge
20
—
—
ns
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
3:
The minimum clock period for SCKx is 100 ns. Therefore, the clock generated in Master mode must not
violate this specification.
4:
Assumes 50 pF load on all SPI pins.
SSX
SCKX
(CKP = 0)
SCKX
(CKP = 1)
SDOX
SDI
SP50
SP40
SP41
SP30,SP31
SP51
SP35
SDIX
MSb
LSb
Bit 14 - - - - - -1
MSb In
Bit 14 - - - -1
LSb In
SP52
SP73
SP72
SP72
SP73
SP71
SP70
Note: Refer to Figure 23-3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com