Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 193 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 193 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 189Page - Microchip Technology 30F4013 Datasheet HTML 190Page - Microchip Technology 30F4013 Datasheet HTML 191Page - Microchip Technology 30F4013 Datasheet HTML 192Page - Microchip Technology 30F4013 Datasheet HTML 193Page - Microchip Technology 30F4013 Datasheet HTML 194Page - Microchip Technology 30F4013 Datasheet HTML 195Page - Microchip Technology 30F4013 Datasheet HTML 196Page - Microchip Technology 30F4013 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 193
dsPIC30F3014/4013
TABLE 23-28: DCI MODULE (MULTICHANNEL, I2S MODES) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
CS10
TcSCKL
CSCK Input Low Time
(CSCK pin is an input)
TCY/2 + 20
—
—
ns
CSCK Output Low Time
(CSCK pin is an output)(3)
30
—
—
ns
CS11
TcSCKH
CSCK Input High Time
(CSCK pin is an input)
TCY/2 + 20
—
—
ns
CSCK Output High Time
(CSCK pin is an output)(3)
30
—
—
ns
CS20
TcSCKF
CSCK Output Fall Time
(CSCK pin is an output)(4)
—10
25
ns
CS21
TcSCKR
CSCK Output Rise Time
(CSCK pin is an output)(4)
—10
25
ns
CS30
TcSDOF
CSDO Data Output Fall Time(4)
—10
25
ns
CS31
TcSDOR
CSDO Data Output Rise Time(4)
—10
25
ns
CS35
TDV
Clock Edge to CSDO Data Valid
—
—
10
ns
CS36
TDIV
Clock Edge to CSDO Tri-Stated
10
—
20
ns
CS40
TCSDI
Setup Time of CSDI Data Input
to CSCK Edge (CSCK pin is
input or output)
20
—
—
ns
CS41
THCSDI
Hold Time of CSDI Data Input to
CSCK Edge (CSCK pin is input
or output)
20
—
—
ns
CS50
TcoFSF
COFS Fall Time
(COFS pin is output)
—10
25
ns
Note 1
CS51
TcoFSR
COFS Rise Time
(COFS pin is output)
—10
25
ns
Note 1
CS55
TscoFS
Setup Time of COFS Data Input
to CSCK edge (COFS pin is
input)
20
—
—
ns
CS56
THCOFS
Hold Time of COFS Data Input to
CSCK Edge (COFS pin is input)
20
—
—
ns
CS57
TPCSCK
CSCK Clock Period
100
—
—
ns
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
3:
The minimum clock period for CSCK is 100 ns. Therefore, the clock generated in Master mode must not
violate this specification.
4:
Assumes 50 pF load on all DCI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com