Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 189 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 189 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology 30F4013 Datasheet HTML 187Page - Microchip Technology 30F4013 Datasheet HTML 188Page - Microchip Technology 30F4013 Datasheet HTML 189Page - Microchip Technology 30F4013 Datasheet HTML 190Page - Microchip Technology 30F4013 Datasheet HTML 191Page - Microchip Technology 30F4013 Datasheet HTML 192Page - Microchip Technology 30F4013 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 189
dsPIC30F3014/4013
TABLE 23-23: TYPE B TIMER (TIMER2 AND TIMER4) EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
TB10
TtxH
TxCK High Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TB15
Synchronous,
with prescaler
10
—
—
ns
TB11
TtxL
TxCK Low Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TB15
Synchronous,
with prescaler
10
—
—
ns
TB15
TtxP
TxCK Input Period Synchronous,
no prescaler
TCY + 10
—
—
ns
N = prescale
value
(1, 8, 64, 256)
Synchronous,
with prescaler
Greater of:
20 ns or
(TCY + 40)/N
TB20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—
1.5 TCY
—
Note 1:
Timer2 and Timer4 are Type B.
TABLE 23-24: TYPE C TIMER (TIMER3 AND TIMER5) EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
TC10
TtxH
TxCK High Time
Synchronous
0.5 TCY + 20
—
—
ns
Must also meet
parameter TC15
TC11
TtxL
TxCK Low Time
Synchronous
0.5 TCY + 20
—
—
ns
Must also meet
parameter TC15
TC15
TtxP
TxCK Input Period Synchronous,
no prescaler
TCY + 10
—
—
ns
N = prescale
value
(1, 8, 64, 256)
Synchronous,
with prescaler
Greater of:
20 ns or
(TCY + 40)/N
TC20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—1.5
TCY
—
Note 1:
Timer3 and Timer5 are Type C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com