Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 185 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 185 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 181Page - Microchip Technology 30F4013 Datasheet HTML 182Page - Microchip Technology 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology 30F4013 Datasheet HTML 187Page - Microchip Technology 30F4013 Datasheet HTML 188Page - Microchip Technology 30F4013 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 185
dsPIC30F3014/4013
FIGURE 23-5:
CLKO AND I/O TIMING CHARACTERISTICS
TABLE 23-19: CLKO AND I/O TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1,2,3)
Min
Typ(4)
Max
Units
Conditions
DO31
TIOR
Port Output Rise Time
—
7
20
ns
DO32
TIOF
Port Output Fall Time
—
7
20
ns
DI35
TINP
INTx Pin High or Low Time (output)
20
—
—
ns
DI40
TRBP
CNx High or Low Time (input)
2 TCY
——
ns
Note 1:
These parameters are asynchronous events not related to any internal clock edges
2:
Measurements are taken in RC mode and EC mode where CLKO output is 4 x TOSC.
3:
These parameters are characterized but not tested in manufacturing.
4:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
Note: Refer to Figure 23-3 for load conditions.
I/O Pin
(Input)
I/O Pin
(Output)
DI35
Old Value
New Value
DI40
DO31
DO32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com