Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 181 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 181 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 177Page - Microchip Technology 30F4013 Datasheet HTML 178Page - Microchip Technology 30F4013 Datasheet HTML 179Page - Microchip Technology 30F4013 Datasheet HTML 180Page - Microchip Technology 30F4013 Datasheet HTML 181Page - Microchip Technology 30F4013 Datasheet HTML 182Page - Microchip Technology 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 181
dsPIC30F3014/4013
FIGURE 23-3:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
FIGURE 23-4:
EXTERNAL CLOCK TIMING
TABLE 23-13: TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Operating voltage VDD range as described in Table 23-1.
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL = 464
CL = 50 pF for all pins except OSC2
5 pF for OSC2 output
Load Condition 1 – for all pins except OSC2
Load Condition 2 – for OSC2
Legend:
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com