Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 182 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 182 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 178Page - Microchip Technology 30F4013 Datasheet HTML 179Page - Microchip Technology 30F4013 Datasheet HTML 180Page - Microchip Technology 30F4013 Datasheet HTML 181Page - Microchip Technology 30F4013 Datasheet HTML 182Page - Microchip Technology 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 182
 2010 Microchip Technology Inc.
TABLE 23-14: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10
FOSC
External CLKI Frequency
(external clocks allowed
only in EC mode)(2)
DC
4
4
4
—
—
—
—
40
10
10
7.5(3)
MHz
MHz
MHz
MHz
EC
EC with 4x PLL
EC with 8x PLL
EC with 16x PLL
Oscillator Frequency(2)
DC
0.4
4
4
4
4
10
10
10
10
12(4)
12(4)
12(4)
—
—
—
—
—
—
—
—
—
—
—
—
—
—
32.768
4
4
10
10
10
7.5(3)
25
20(4)
20(4)
15(3)
25
25
22.5(3)
—
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
kHz
RC
XTL
XT
XT with 4x PLL
XT with 8x PLL
XT with 16x PLL
HS
HS/2 with 4x PLL
HS/2 with 8x PLL
HS/2 with 16x PLL
HS/3 with 4x PLL
HS/3 with 8x PLL
HS/3 with 16x PLL
LP
OS20
TOSC
TOSC = 1/FOSC
—
—
—
—
See parameter OS10
for FOSC value
OS25
TCY
Instruction Cycle Time(2,5)
33
—
DC
ns
See Table 23-16
OS30
TosL,
TosH
External Clock in (OSC1)
High or Low Time(2)
.45 x TOSC
——
ns
EC
OS31
TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time(2)
——
20
ns
EC
OS40
TckR
CLKO Rise Time(2,6)
—
—
—
ns
See parameter DO31
OS41
TckF
CLKO Fall Time(2,6)
—
—
—
ns
See parameter DO32
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
Limited by the PLL output frequency range.
4:
Limited by the PLL input frequency range.
5:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“Max.” cycle time limit is “DC” (no clock) for all devices.
6:
Measurements are taken in EC or ERC modes. The CLKO signal is measured on the OSC2 pin. CLKO is
low for the Q1-Q2 period (1/2 TCY) and high for the Q3-Q4 period (1/2 TCY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com