Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 180 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 180 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 176Page - Microchip Technology 30F4013 Datasheet HTML 177Page - Microchip Technology 30F4013 Datasheet HTML 178Page - Microchip Technology 30F4013 Datasheet HTML 179Page - Microchip Technology 30F4013 Datasheet HTML 180Page - Microchip Technology 30F4013 Datasheet HTML 181Page - Microchip Technology 30F4013 Datasheet HTML 182Page - Microchip Technology 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 180
 2010 Microchip Technology Inc.
23.2
AC Characteristics and Timing Parameters
The information contained in this section defines dsPIC30F AC characteristics and timing parameters.
TABLE 23-11: ELECTRICAL CHARACTERISTICS: BOR
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
BO10
VBOR
BOR Voltage on VDD
Transition
High-to-Low(2)
BORV = 11(3)
—
—
—
V
Not in operating
range
BORV = 10
2.6
—
2.71
V
BORV = 01
4.1
—
4.4
V
BORV = 00
4.58
—
4.73
V
BO15
VBHYS
—5
—
mV
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
‘11’ values not in usable operating range.
TABLE 23-12: DC CHARACTERISTICS: PROGRAM AND EEPROM
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Data EEPROM Memory(2)
D120
ED
Byte Endurance
100K
1M
—
E/W
-40
C  TA +85°C
D121
VDRW
VDD for Read/Write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write Cycle Time
0.8
2
2.6
ms
RTSP
D123
TRETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D124
IDEW
IDD During Programming
—
10
30
mA
Row Erase
Program Flash Memory(2)
D130
EP
Cell Endurance
10K
100K
—
E/W
-40
C  TA +85°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VEB
VDD for Bulk Erase
4.5
—
5.5
V
D133
VPEW
VDD for Erase/Write
3.0
—
5.5
V
D134
TPEW
Erase/Write Cycle Time
0.8
2
2.6
ms
RTSP
D135
TRETD
Characteristic Retention
40
100
—
Year
Provided no other specifications
are violated
D137
IPEW
IDD During Programming
—
10
30
mA
Row Erase
D138
IEB
IDD During Programming
—
10
30
mA
Bulk Erase
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com