Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 183 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 183 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 179Page - Microchip Technology 30F4013 Datasheet HTML 180Page - Microchip Technology 30F4013 Datasheet HTML 181Page - Microchip Technology 30F4013 Datasheet HTML 182Page - Microchip Technology 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology 30F4013 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 183
dsPIC30F3014/4013
TABLE 23-15: PLL JITTER
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA +85°C for Industrial
-40°C
 TA +125°C for Extended
Param
No.
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS61
x4 PLL
—
0.251
0.413
%
-40°C
 TA +85°C
VDD = 3.0 to 3.6V
—
0.251
0.413
%
-40°C
 TA +125°C
VDD = 3.0 to 3.6V
—
0.256
0.47
%
-40°C
 TA +85°C
VDD = 4.5 to 5.5V
—
0.256
0.47
%
-40°C
 TA +125°C
VDD = 4.5 to 5.5V
x8 PLL
—
0.355
0.584
%
-40°C
 TA +85°C
VDD = 3.0 to 3.6V
—
0.355
0.584
%
-40°C
 TA +125°C
VDD = 3.0 to 3.6V
—
0.362
0.664
%
-40°C
 TA +85°C
VDD = 4.5 to 5.5V
—
0.362
0.664
%
-40°C
 TA +125°C
VDD = 4.5 to 5.5V
x16 PLL
—
0.67
0.92
%
-40°C
 TA +85°C
VDD = 3.0 to 3.6V
—
0.632
0.956
%
-40°C
 TA +85°C
VDD = 4.5 to 5.5V
—
0.632
0.956
%
-40°C
 TA +125°C
VDD = 4.5 to 5.5V
Note 1:
These parameters are characterized but not tested in manufacturing.
TABLE 23-16: INTERNAL CLOCK TIMING EXAMPLES
Clock
Oscillator
Mode
FOSC
(MHz)(1)
TCY (
sec)(2)
MIPS
w/o PLL(3)
MIPS
w/PLL x4(3)
MIPS
w/PLL x8(3)
MIPS
w/PLL x16(3)
EC
0.200
20.0
0.05
—
—
—
41.0
1.0
4.0
8.0
16.0
10
0.4
2.5
10.0
20.0
—
25
0.16
6.25
—
—
—
XT
4
1.0
1.0
4.0
8.0
16.0
10
0.4
2.5
10.0
20.0
—
Note 1:
Assumption: Oscillator Postscaler is divide by 1.
2:
Instruction Execution Cycle Time: TCY = 1/MIPS.
3:
Instruction Execution Frequency: MIPS = (FOSC * PLLx)/4 [since there are 4 Q clocks per instruction
cycle].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com