Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 187 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 187 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 183Page - Microchip Technology 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology 30F4013 Datasheet HTML 187Page - Microchip Technology 30F4013 Datasheet HTML 188Page - Microchip Technology 30F4013 Datasheet HTML 189Page - Microchip Technology 30F4013 Datasheet HTML 190Page - Microchip Technology 30F4013 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 187
dsPIC30F3014/4013
FIGURE 23-7:
BAND GAP START-UP TIME CHARACTERISTICS
TABLE 23-20: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SY10
TmcL
MCLR Pulse Width (low)
2
—
—
s
-40°C to +85°C
SY11
TPWRT
Power-up Timer Period
2
10
43
4
16
64
8
32
128
ms
-40°C to +85°C,
VDD = 5V
User programmable
SY12
TPOR
Power-on Reset Delay
3
10
30
s
-40°C to +85°C
SY13
TIOZ
I/O High-Impedance from MCLR
Low or Watchdog Timer Reset
—0.8
1.0
s
SY20
TWDT1
TWDT2
TWDT3
Watchdog Timer Time-out Period
(no prescaler)
1.1
1.2
1.3
2.0
2.0
2.0
6.6
5.0
4.0
ms
ms
ms
VDD = 2.5V
VDD = 3.3V, ±10%
VDD = 5V, ±10%
SY25
TBOR
Brown-out Reset Pulse Width(3)
100
—
—
sVDD VBOR (D034)
SY30
TOST
Oscillator Start-up Timer Period
—
1024 TOSC
——
TOSC = OSC1 period
SY35
TFSCM
Fail-Safe Clock Monitor Delay
—
500
900
s
-40°C to +85°C
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
3:
Refer to Figure 23-2 and Table 23-11 for BOR.
TABLE 23-21: BAND GAP START-UP TIME REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SY40
TBGAP
Band Gap Start-up Time
—
40
65
s
Defined as the time between the
instant that the band gap is enabled
and the moment that the band gap
reference voltage is stable
(RCON<13> status bit)
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 5V, 25°C unless otherwise stated.
VBGAP
Enable Band Gap(1)
Band Gap
0V
Stable
Note 1:
Note: Set LVDEN bit (RCON<12>) or FBORPOR<7>set.
SY40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com