Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 188 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 188 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 184Page - Microchip Technology 30F4013 Datasheet HTML 185Page - Microchip Technology 30F4013 Datasheet HTML 186Page - Microchip Technology 30F4013 Datasheet HTML 187Page - Microchip Technology 30F4013 Datasheet HTML 188Page - Microchip Technology 30F4013 Datasheet HTML 189Page - Microchip Technology 30F4013 Datasheet HTML 190Page - Microchip Technology 30F4013 Datasheet HTML 191Page - Microchip Technology 30F4013 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 188
 2010 Microchip Technology Inc.
FIGURE 23-8:
TYPE A, B AND C TIMER EXTERNAL CLOCK TIMING CHARACTERISTICS
TABLE 23-22: TYPE A TIMER (TIMER1) EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
TA10
TTXH
TxCK High Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TA15
Synchronous,
with prescaler
10
—
—
ns
Asynchronous
10
—
—
ns
TA11
TTXL
TxCK Low Time
Synchronous,
no prescaler
0.5 TCY + 20
—
—
ns
Must also meet
parameter TA15
Synchronous,
with prescaler
10
—
—
ns
Asynchronous
10
—
—
ns
TA15
TTXP
TxCK Input Period Synchronous,
no prescaler
TCY + 10
—
—
ns
Synchronous,
with prescaler
Greater of:
20 ns or
(TCY + 40)/N
——
—
N = prescale
value
(1, 8, 64, 256)
Asynchronous
20
—
—
ns
OS60
Ft1
SOSC1/T1CK Oscillator Input
Frequency Range (oscillator
enabled by setting bit, TCS
(T1CON<1>)
DC
—
50
kHz
TA20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—1.5 TCY
—
Note 1:
Timer1 is a Type A.
Note: Refer to Figure 23-3 for load conditions.
Tx11
Tx15
Tx10
Tx20
TMRX
OS60
TxCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com