Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 158 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 158 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 154Page - Microchip Technology 30F4013 Datasheet HTML 155Page - Microchip Technology 30F4013 Datasheet HTML 156Page - Microchip Technology 30F4013 Datasheet HTML 157Page - Microchip Technology 30F4013 Datasheet HTML 158Page - Microchip Technology 30F4013 Datasheet HTML 159Page - Microchip Technology 30F4013 Datasheet HTML 160Page - Microchip Technology 30F4013 Datasheet HTML 161Page - Microchip Technology 30F4013 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 228 page
background image
TABLE 20-7:
SYSTEM INTEGRATION REGISTER MAP(1)
TABLE 20-8:
DEVICE CONFIGURATION REGISTER MAP(1)
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
RCON
0740
TRAPR
IOPUWR
BGST
LVDEN
LVDL<3:0>
EXTR
SWR
SWDTEN WDTO
SLEEP
IDLE
BOR
POR
(Note 2)
OSCCON
0742
—
COSC<2:0>
—
NOSC<2:0>
POST<1:0>
LOCK
—CF
—
LPOSCEN OSWEN
(Note 3)
OSCTUN
0744
—
—
—
—
—
—
—
—
—
—
—
—
TUN3
TUN2
TUN1
TUN0
0000 0000 0000 0000
PMD1
0770
T5MD(4)
T4MD(4)
T3MD
T2MD
T1MD
—
—
DCIMD(4) I2CMD U2MD
U1MD
—SPI1MD
—
C1MD
ADCMD
0000 0000 0000 0000
PMD2
0772
IC8MD(4) IC7MD(4)
—
—
—
—IC2MD
IC1MD
—
—
—
—OC4MD(4) OC3MD(4)
OC2MD
OC1MD
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
2:
Reset state depends on type of Reset.
3:
Reset state depends on Configuration bits.
4:
These bits are not available in dsPIC30F3014 devices.
Name
Address
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FOSC
F80000
FCKSM<1:0>
—
—
—FOS<2:0>
—
—
—
FPR<4:0>
FWDT
F80002
FWDTEN
—
—
—
—
—
—
—
—
—
FWPSA<1:0>
FWPSB<3:0>
FBORPOR
F80004
MCLREN
—
—
—
—
PWMPIN(2)
HPOL(2)
LPOL(2)
BOREN
—BORV<1:0>
—
—FPWRT<1:0>
FBS
F80006
—
—
Reserved(3)
—
—
—
Reserved(3)
—
—
—
—
Reserved(3)
FSS
F80008
—
—
Reserved(3)
—
—
Reserved(3)
—
—
—
—
Reserved(3)
FGS
F8000A
—
—
—
—
—
—
—
—
—
—
—
—
—
Reserved(4)
GCP
GWRP
FICD
F8000C
BKBUG
COE
—
—
—
—
—
—
—
—
—
—
—
—ICS<1:0>
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
2:
These bits are reserved (read as ‘1’ and must be programmed as ‘1’).
3:
Reserved bits read as ‘1’ and must be programmed as ‘1’.
4:
The FGS<2> bit is a read-only copy of the GCP bit (FGS<1>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com