Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 157 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 157 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 153Page - Microchip Technology 30F4013 Datasheet HTML 154Page - Microchip Technology 30F4013 Datasheet HTML 155Page - Microchip Technology 30F4013 Datasheet HTML 156Page - Microchip Technology 30F4013 Datasheet HTML 157Page - Microchip Technology 30F4013 Datasheet HTML 158Page - Microchip Technology 30F4013 Datasheet HTML 159Page - Microchip Technology 30F4013 Datasheet HTML 160Page - Microchip Technology 30F4013 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 157
dsPIC30F3014/4013
20.9
Peripheral Module Disable (PMD)
Registers
The Peripheral Module Disable (PMD) registers
provide a method to disable a peripheral module by
stopping all clock sources supplied to that module.
When a peripheral is disabled via the appropriate PMD
control bit, the peripheral is in a minimum power
consumption state. The control and status registers
associated with the peripheral are also disabled so
writes to those registers have no effect and read values
are invalid.
A peripheral module is only enabled if both the
associated bit in the PMD register is cleared and the
peripheral is supported by the specific dsPIC DSC vari-
ant. If the peripheral is present in the device, it is
enabled in the PMD register by default.
20.10 In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the in-
circuit debugging functionality is enabled. This function
allows simple debugging functions when used with
MPLAB IDE. When the device has this feature enabled,
some of the resources are not available for general
use. These resources include the first 80 bytes of data
RAM and two I/O pins.
One of four pairs of debug I/O pins may be selected by
the user using configuration options in MPLAB IDE.
These pin pairs are named EMUD/EMUC, EMUD1/
EMUC1, EMUD2/EMUC2 and MUD3/EMUC3.
In each case, the selected EMUD pin is the Emulation/
Debug Data line, and the EMUC pin is the Emulation/
Debug Clock line. These pins interface to the MPLAB
ICD 2 module available from Microchip. The selected
pair of debug I/O pins is used by MPLAB ICD 2 to send
commands and receive responses, as well as to send
and receive data. To use the in-circuit debugger
function of the device, the design must implement ICSP
connections to MCLR, VDD, VSS, PGC, PGD and the
selected EMUDx/EMUCx pin pair.
This gives rise to two possibilities:
1.
If EMUD/EMUC is selected as the debug I/O pin
pair, then only a 5-pin interface is required, as
the EMUD and EMUC pin functions are multi-
plexed with the PGD and PGC pin functions in
all dsPIC30F devices.
2.
If EMUD1/EMUC1, EMUD2/EMUC2 or EMUD3/
EMUC3 is selected as the debug I/O pin pair,
then a 7-pin interface is required, as the
EMUDx/EMUCx pin functions (x = 1, 2 or 3) are
not multiplexed with the PGD and PGC pin
functions.
Note 1: If a PMD bit is set, the corresponding
module is disabled after a delay of 1
instruction cycle. Similarly, if a PMD bit is
cleared, the corresponding module is
enabled after a delay of 1 instruction
cycle (assuming the module control reg-
isters are already configured to enable
module operation).
2: In the dsPIC30F3014 device, the T4MD,
T5MD,
IC7MD,
IC8MD,
OC3MD,
OC4MD and DCIMD are readable and
writable, and are read as “1” when set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com