Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 153 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 153 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 149Page - Microchip Technology 30F4013 Datasheet HTML 150Page - Microchip Technology 30F4013 Datasheet HTML 151Page - Microchip Technology 30F4013 Datasheet HTML 152Page - Microchip Technology 30F4013 Datasheet HTML 153Page - Microchip Technology 30F4013 Datasheet HTML 154Page - Microchip Technology 30F4013 Datasheet HTML 155Page - Microchip Technology 30F4013 Datasheet HTML 156Page - Microchip Technology 30F4013 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 153
dsPIC30F3014/4013
20.4.1.1
POR with Long Crystal Start-up Time
(with FSCM Enabled)
The oscillator start-up circuitry is not linked to the POR
circuitry.
Some
crystal
circuits
(especially
low-
frequency crystals) have a relatively long start-up time.
Therefore, one or more of the following conditions is
possible after the POR timer and the PWRT have
expired:
• The oscillator circuit has not begun to oscillate.
• The Oscillator Start-up Timer has not expired (if a
crystal oscillator is used).
• The PLL has not achieved a LOCK (if PLL is
used).
If the FSCM is enabled and one of the above conditions
is true, a clock failure trap occurs. The device automat-
ically switches to the FRC oscillator and the user can
switch to the desired crystal oscillator in the trap ISR.
20.4.1.2
Operating without FSCM and PWRT
If the FSCM is disabled and the Power-up Timer
(PWRT) is also disabled, then the device exits rapidly
from Reset on power-up. If the clock source is FRC,
LPRC, ERC or EC, it will be active immediately.
If the FSCM is disabled and the system clock has not
started, the device will be in a frozen state at the Reset
vector until the system clock starts. From the user’s
perspective, the device appears to be in Reset until a
system clock is available.
20.4.2
BOR: PROGRAMMABLE
BROWN-OUT RESET
The BOR (Brown-out Reset) module is based on an
internal voltage reference circuit. The main purpose of
the BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (i.e.,
missing portions of the AC cycle waveform due to bad
power transmission lines, or voltage sags due to exces-
sive current draw when a large inductive load is turned
on).
The BOR module allows selection of one of the
following voltage trip points (see Table 23-11):
•2.6V-2.71V
•4.1V-4.4V
• 4.58V-4.73V
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source based on the
device Configuration
bit values
(FOS<2:0> and
FPR<4:0>). Furthermore, if an oscillator mode is
selected, the BOR activates the Oscillator Start-up
Timer (OST). The system clock is held until OST
expires. If the PLL is used, then the clock is held until
the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the POR time-out (TPOR) and the PWRT
time-out (TPWRT) are applied before the internal Reset is
released. If TPWRT = 0 and a crystal oscillator is being
used, then a nominal delay of TFSCM = 100
s is applied.
The total delay in this case is (TPOR + TFSCM).
The BOR status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit, if enabled, contin-
ues to operate while in Sleep or Idle modes and resets
the device should VDD fall below the BOR threshold
voltage.
FIGURE 20-6:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
Note:
The BOR voltage trip points indicated here
are nominal values provided for design
guidance only. Refer to the Electrical
Specifications in the specific device data
sheet for BOR voltage limit specifications.
Note:
Dedicated supervisory devices, such as
the MCP1XX and MCP8XX, may also be
used as an external Power-on Reset
circuit.
Note
1:
External Power-on Reset circuit is required
only if the VDD power-up slope is too slow.
The diode D helps discharge the capacitor
quickly when VDD powers down.
2:
R should be suitably chosen so as to make
sure that the voltage drop across R does not
violate the device’s electrical specifications.
3:
R1 should be suitably chosen so as to limit
any current flowing into MCLR from external
capacitor C, in the event of MCLR/VPP pin
breakdown due to Electrostatic Discharge
(ESD), or Electrical Overstress (EOS).
C
R1
R
D
VDD
dsPIC30F
MCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com