Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 151 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 151 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 147Page - Microchip Technology 30F4013 Datasheet HTML 148Page - Microchip Technology 30F4013 Datasheet HTML 149Page - Microchip Technology 30F4013 Datasheet HTML 150Page - Microchip Technology 30F4013 Datasheet HTML 151Page - Microchip Technology 30F4013 Datasheet HTML 152Page - Microchip Technology 30F4013 Datasheet HTML 153Page - Microchip Technology 30F4013 Datasheet HTML 154Page - Microchip Technology 30F4013 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 151
dsPIC30F3014/4013
20.4
Reset
The
dsPIC30F3014/4013
differentiates
between
various kinds of Reset:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during Sleep
d)
Watchdog Timer (WDT) Reset (during normal
operation)
e)
Programmable Brown-out Reset (BOR)
f)
RESET
Instruction
g)
Reset caused by trap lockup (TRAPR)
h)
Reset caused by illegal opcode or by using an
uninitialized W register as an Address Pointer
(IOPUWR)
Different registers are affected in different ways by var-
ious Reset conditions. Most registers are not affected
by a WDT wake-up since this is viewed as the resump-
tion of normal operation. Status bits from the RCON
register are set or cleared differently in different Reset
situations, as indicated in Table 20-5. These bits are
used in software to determine the nature of the Reset.
A block diagram of the On-Chip Reset Circuit is shown
in Figure 20-2.
A MCLR noise filter is provided in the MCLR Reset
path. The filter detects and ignores small pulses.
Internally generated Resets do not drive MCLR pin low.
FIGURE 20-2:
RESET SYSTEM BLOCK DIAGRAM
20.4.1
POR: POWER-ON RESET
A power-on event generates an internal POR pulse
when a VDD rise is detected. The Reset pulse occurs at
the POR circuit threshold voltage (VPOR) which is nom-
inally 1.85V. The device supply voltage characteristics
must meet specified starting voltage and rise rate
requirements. The POR pulse resets a POR timer and
places the device in the Reset state. The POR also
selects the device clock source identified by the
oscillator configuration fuses.
The POR circuit inserts a small delay, TPOR, which is
nominally 10
s and ensures that the device bias
circuits are stable. Furthermore, a user-selected
power-up time-out (TPWRT) is applied. The TPWRT
parameter is based on device Configuration bits and
can be 0 ms (no delay), 4 ms, 16 ms, or 64 ms. The
total delay is at device power-up, TPOR + TPWRT. When
these delays have expired, SYSRST is negated on the
next leading edge of the Q1 clock and the PC jumps to
the Reset vector.
The timing for the SYSRST signal is shown in
Figure 20-3 through Figure 20-5.
S
R
Q
MCLR
VDD
VDD Rise
Detect
POR
SYSRST
Sleep or Idle
Brown-out
Reset
BOREN
RESET
Instruction
WDT
Module
Digital
Glitch Filter
BOR
Trap Conflict
Illegal Opcode/
Uninitialized W Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com