Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 147 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 147 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 143Page - Microchip Technology 30F4013 Datasheet HTML 144Page - Microchip Technology 30F4013 Datasheet HTML 145Page - Microchip Technology 30F4013 Datasheet HTML 146Page - Microchip Technology 30F4013 Datasheet HTML 147Page - Microchip Technology 30F4013 Datasheet HTML 148Page - Microchip Technology 30F4013 Datasheet HTML 149Page - Microchip Technology 30F4013 Datasheet HTML 150Page - Microchip Technology 30F4013 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 147
dsPIC30F3014/4013
20.3
Oscillator Control Registers
The
oscillators
are
controlled
with
two
SFRs,
OSCCON and OSCTUN and one Configuration
register, FOSC.
Note:
The description of the OSCCON and
OSCTUN SFRs, as well as the FOSC
Configuration register provided in this
section
are
applicable
only
to
the
dsPIC30F3014
and
dsPIC30F4013
devices in the dsPIC30F product family.
REGISTER 20-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R-y
R-y
R-y
U-0
R/W-y
R/W-y
R/W-y
—COSC<2:0>
—NOSC<2:0>
bit 15
bit 8
R/W-0
R/W-0
R-0
U-0
R/W-0
U-0
R/W-0
R/W-0
POST<1:0>
LOCK
—CF
—
LPOSCEN
OSWEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
COSC<2:0>: Current Oscillator Group Selection bits (read-only)
111
= PLL oscillator; PLL source selected by FPR<4:0> bits
011
= External oscillator; OSC1/OSC2 pins; external oscillator configuration selected by FPR<4:0>
bits
010
= LPRC internal low-power RC
001
= FRC internal fast RC
000
= LP crystal oscillator; SOSCI/SOSCO pins
Set to FOS<2:0> values on POR or BOR. Loaded with NOSC<2:0> at the completion of a successful
clock switch. Set to FRC value when FSCM detects a failure and switches clock to FRC.
bit 11
Unimplemented: Read as ‘0’
bit 10-8
NOSC<2:0>: New Oscillator Group Selection bits
111
= PLL Oscillator; PLL source selected by FPR<4:0> bits
011
= External oscillator; OSC1/OSC2 pins; external oscillator configuration selected by FPR<4:0>
bits
010
= LPRC internal low-power RC
001
= FRC internal fast RC
000
= LP crystal oscillator; SOSCI/SOSCO pins
Set to FOS<2:0> values on POR or BOR.
bit 7-6
POST<1:0>: Oscillator Postscaler Selection bits
11
= Oscillator postscaler divides clock by 64
10
= Oscillator postscaler divides clock by 16
01
= Oscillator postscaler divides clock by 4
00
= Oscillator postscaler does not alter clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com