Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 143 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 143 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 139Page - Microchip Technology 30F4013 Datasheet HTML 140Page - Microchip Technology 30F4013 Datasheet HTML 141Page - Microchip Technology 30F4013 Datasheet HTML 142Page - Microchip Technology 30F4013 Datasheet HTML 143Page - Microchip Technology 30F4013 Datasheet HTML 144Page - Microchip Technology 30F4013 Datasheet HTML 145Page - Microchip Technology 30F4013 Datasheet HTML 146Page - Microchip Technology 30F4013 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 143
dsPIC30F3014/4013
FIGURE 20-1:
OSCILLATOR SYSTEM BLOCK DIAGRAM
Primary
OSC1
OSC2
SOSCO
SOSCI
Oscillator
32 kHz LP
Clock
and Control
Block
Switching
Oscillator
x4, x8, x16
PLL
Primary
Oscillator
Stability Detector
Stability Detector
Secondary
Oscillator
Programmable
Clock Divider
Oscillator
Start-up
Timer
Fail-Safe Clock
Monitor (FSCM)
Internal Fast RC
Oscillator (FRC)
Internal
Low-Power RC
Oscillator (LPRC)
PWRSAV
Instruction
Wake-up Request
Oscillator Configuration bits
System
Clock
Oscillator Trap
To Timer1
LPRC
Secondary Osc
POR Done
Primary Osc
FPLL
POST<1:0>
2
FCKSM<1:0>
2
PLL
Lock
COSC<2:0>
NOSC<2:0>
OSWEN
CF
TUN<3:0>
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com