Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 139 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 139 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 135Page - Microchip Technology 30F4013 Datasheet HTML 136Page - Microchip Technology 30F4013 Datasheet HTML 137Page - Microchip Technology 30F4013 Datasheet HTML 138Page - Microchip Technology 30F4013 Datasheet HTML 139Page - Microchip Technology 30F4013 Datasheet HTML 140Page - Microchip Technology 30F4013 Datasheet HTML 141Page - Microchip Technology 30F4013 Datasheet HTML 142Page - Microchip Technology 30F4013 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 228 page
background image
TABLE 19-2:
A/D CONVERTER REGISTER MAP(1)
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
ADCBUF0
0280
—
—
—
—
ADC Data Buffer 0
0000 uuuu uuuu uuuu
ADCBUF1
0282
—
—
—
—
ADC Data Buffer 1
0000 uuuu uuuu uuuu
ADCBUF2
0284
—
—
—
—
ADC Data Buffer 2
0000 uuuu uuuu uuuu
ADCBUF3
0286
—
—
—
—
ADC Data Buffer 3
0000 uuuu uuuu uuuu
ADCBUF4
0288
—
—
—
—
ADC Data Buffer 4
0000 uuuu uuuu uuuu
ADCBUF5
028A
—
—
—
—
ADC Data Buffer 5
0000 uuuu uuuu uuuu
ADCBUF6
028C
—
—
—
—
ADC Data Buffer 6
0000 uuuu uuuu uuuu
ADCBUF7
028E
—
—
—
—
ADC Data Buffer 7
0000 uuuu uuuu uuuu
ADCBUF8
0290
—
—
—
—
ADC Data Buffer 8
0000 uuuu uuuu uuuu
ADCBUF9
0292
—
—
—
—
ADC Data Buffer 9
0000 uuuu uuuu uuuu
ADCBUFA
0294
—
—
—
—
ADC Data Buffer 10
0000 uuuu uuuu uuuu
ADCBUFB
0296
—
—
—
—
ADC Data Buffer 11
0000 uuuu uuuu uuuu
ADCBUFC
0298
—
—
—
—
ADC Data Buffer 12
0000 uuuu uuuu uuuu
ADCBUFD
029A
—
—
—
—
ADC Data Buffer 13
0000 uuuu uuuu uuuu
ADCBUFE
029C
—
—
—
—
ADC Data Buffer 14
0000 uuuu uuuu uuuu
ADCBUFF
029E
—
—
—
—
ADC Data Buffer 15
0000 uuuu uuuu uuuu
ADCON1
02A0
ADON
—ADSIDL
—
—
—
FORM<1:0>
SSRC<2:0>
—
—
ASAM
SAMP
DONE
0000 0000 0000 0000
ADCON2
02A2
VCFG<2:0>
—
—
CSCNA
—
—BUFS
—
SMPI<3:0>
BUFM
ALTS
0000 0000 0000 0000
ADCON3
02A4
—
—
—
SAMC<4:0>
ADRC
—
ADCS<5:0>
0000 0000 0000 0000
ADCHS
02A6
—
—
—
CH0NB
CH0SB<3:0>
—
—
—
CH0NA
CH0SA<3:0>
0000 0000 0000 0000
ADPCFG
02A8
PCFG15 PCFG14 PCFG13 PCFG12
PCFG11 PCFG10 PCFG9 PCFG8 PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000 0000 0000
ADCSSL
02AA
CSSL15
CSSL14 CSSL13
CSSL12
CSSL11
CSSL10 CSSL9
CSSL8
CSSL7
CSSL6
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000 0000 0000 0000
Legend:
u
= uninitialized bit; — = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com