Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 137 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 137 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 133Page - Microchip Technology 30F4013 Datasheet HTML 134Page - Microchip Technology 30F4013 Datasheet HTML 135Page - Microchip Technology 30F4013 Datasheet HTML 136Page - Microchip Technology 30F4013 Datasheet HTML 137Page - Microchip Technology 30F4013 Datasheet HTML 138Page - Microchip Technology 30F4013 Datasheet HTML 139Page - Microchip Technology 30F4013 Datasheet HTML 140Page - Microchip Technology 30F4013 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 137
dsPIC30F3014/4013
19.9
Module Power-Down Modes
The module has two internal power modes.
When the ADON bit is ‘1’, the module is in Active mode;
it is fully powered and functional.
When ADON is ‘0’, the module is in Off mode. The
digital and analog portions of the circuit are disabled for
maximum current savings.
In order to return to the Active mode from Off mode, the
user must wait for the ADC circuitry to stabilize. The
time required to stabilize is specified in Section 23.0
“Electrical Characteristics”.
19.10 A/D Operation During CPU Sleep
and Idle Modes
19.10.1
A/D OPERATION DURING CPU
SLEEP MODE
When the device enters Sleep mode, all clock sources
to the module are shut down and stay at logic ‘0’.
If Sleep occurs in the middle of a conversion, the
conversion is aborted. The converter does not continue
with a partially completed conversion on exit from
Sleep mode.
Register contents are not affected by the device
entering or leaving Sleep mode.
The A/D module can operate during Sleep mode if the
A/D clock source is set to RC (ADRC = 1). When the
RC clock source is selected, the A/D module waits one
instruction cycle before starting the conversion. This
allows the SLEEP instruction to be executed which
eliminates all digital switching noise from the conver-
sion. (When the conversion sequence is complete, the
DONE bit is set.)
If the A/D interrupt is enabled, the device wakes up
from Sleep. If the A/D interrupt is not enabled, the A/D
module is then turned off, although the ADON bit
remains set.
19.10.2
A/D OPERATION DURING CPU IDLE
MODE
The ADSIDL bit determines if the module stops or
continues on Idle. If ADSIDL = 0, the module continues
operation on assertion of Idle mode. If ADSIDL = 1, the
module stops on Idle.
19.11 Effects of a Reset
A device Reset forces all registers to their Reset state.
This forces the A/D module to be turned off, and any
conversion and sampling sequence is aborted. The val-
ues that are in the ADCBUF registers are not modified.
The A/D Result register contains unknown data after a
Power-on Reset.
19.12 Output Formats
The A/D result is 12 bits wide. The data buffer RAM is
also 12 bits wide. The 12-bit data can be read in one
of four different formats. The FORM<1:0> bits select
the format. Each of the output formats translates to a
16-bit result on the data bus. Write data is always in
right-justified (integer) format.
FIGURE 19-5:
A/D OUTPUT DATA FORMATS
RAM Contents:
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Read to Bus:
Signed Fractional
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
0000
Fractional
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
0000
Signed Integer
d11 d11 d11 d11 d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00
Integer
0000
d11 d10 d09 d08 d07 d06 d05 d04 d03 d02 d01 d00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com