Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 133 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 133 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 129Page - Microchip Technology 30F4013 Datasheet HTML 130Page - Microchip Technology 30F4013 Datasheet HTML 131Page - Microchip Technology 30F4013 Datasheet HTML 132Page - Microchip Technology 30F4013 Datasheet HTML 133Page - Microchip Technology 30F4013 Datasheet HTML 134Page - Microchip Technology 30F4013 Datasheet HTML 135Page - Microchip Technology 30F4013 Datasheet HTML 136Page - Microchip Technology 30F4013 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 133
dsPIC30F3014/4013
19.4
Programming the Start of
Conversion Trigger
The conversion trigger terminates acquisition and
starts the requested conversions.
The SSRC<2:0> bits select the source of the conver-
sion trigger. The SSRC bits provide for up to 4 alternate
sources of conversion trigger.
When SSRC<2:0> = 000, the conversion trigger is
under software control. Clearing the SAMP bit causes
the conversion trigger.
When SSRC<2:0> = 111 (Auto-Convert mode), the
conversion trigger is under A/D clock control. The
SAMC bits select the number of A/D clocks between
the start of acquisition and the start of conversion. This
provides the fastest conversion rates on multiple
channels. The SAMC bits must always be at least one
clock cycle.
Other trigger sources can come from timer modules or
external interrupts.
19.5
Aborting a Conversion
Clearing the ADON bit during a conversion aborts the
current conversion and stops the sampling sequencing
until the next sampling trigger. The ADCBUF is not
updated with the partially completed A/D conversion
sample. That is, the ADCBUF will continue to contain
the value of the last completed conversion (or the last
value written to the ADCBUF register).
If clearing of the ADON bit coincides with an auto-start,
the clearing has a higher priority and a new conversion
does not start.
19.6
Selecting the ADC Conversion
Clock
The ADC conversion requires 14 TAD. The source of
the ADC conversion clock is software selected, using a
6-bit counter. There are 64 possible options for TAD.
EQUATION 19-1:
ADC CONVERSION
CLOCK
The internal RC oscillator is selected by setting the
ADRC bit.
For correct ADC conversions, the ADC conversion
clock (TAD) must be selected to ensure a minimum TAD
time of 334 nsec (for VDD = 5V). Refer to Section 23.0
“Electrical Characteristics” for minimum TAD under
other operating conditions.
Example 19-1 shows a sample calculation for the
ADCS<5:0> bits, assuming a device operating speed
of 30 MIPS.
EXAMPLE 19-1:
ADC CONVERSION
CLOCK AND SAMPLING
RATE CALCULATION
TAD = TCY * (0.5*(ADCS<5:0> + 1))
Minimum TAD = 334 nsec
ADCS<5:0> = 2
– 1
TAD
TCY
TCY = 33.33 nsec (30 MIPS)
= 2 •
– 1
334 nsec
33.33 nsec
= 19
Therefore,
Set ADCS<5:0> = 19
Actual TAD =
(ADCS<5:0> + 1)
TCY
2
=
(19 + 1)
33.33 nsec
2
= 334 nsec
If SSRC<2:0> = 111 and SAMC<4:0> = 00001
Since,
Sampling Time = Acquisition Time + Conversion Time
= 1 TAD + 14 TAD
= 15 x 334 nsec
Therefore,
Sampling Rate =
= ~200 kHz
1
(15 x 334 nsec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com