Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 129 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 129 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 125Page - Microchip Technology 30F4013 Datasheet HTML 126Page - Microchip Technology 30F4013 Datasheet HTML 127Page - Microchip Technology 30F4013 Datasheet HTML 128Page - Microchip Technology 30F4013 Datasheet HTML 129Page - Microchip Technology 30F4013 Datasheet HTML 130Page - Microchip Technology 30F4013 Datasheet HTML 131Page - Microchip Technology 30F4013 Datasheet HTML 132Page - Microchip Technology 30F4013 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 129
dsPIC30F3014/4013
18.6.2
20-BIT AC-LINK MODE
The 20-bit AC-Link mode allows all bits in the data time
slots to be transmitted and received but does not main-
tain data alignment in the TXBUF and RXBUF
registers.
The 20-bit AC-Link mode functions similar to the Multi-
channel mode of the DCI module, except for the duty
cycle of the Frame Synchronization signal. The AC-
Link Frame Synchronization signal should remain high
for 16 CSCK cycles and should be low for the following
240 cycles.
The 20-bit mode treats each 256-bit AC-Link frame as
sixteen, 16-bit time slots. In the 20-bit AC-Link mode,
the module operates as if COFSG<3:0> = 1111 and
WS<3:0> = 1111. The data alignment for 20-bit data
slots is ignored. For example, an entire AC-Link data
frame can be transmitted and received in a packed
fashion by setting all bits in the TSCON and RSCON
SFRs. Since the total available buffer length is 64 bits,
it would take 4 consecutive interrupts to transfer the
AC-Link frame. The application software must keep
track of the current AC-Link frame segment.
18.7
I2S Mode Operation
The DCI module is configured for I2S mode by writing
a value of ‘01’ to the COFSM<1:0> control bits in the
DCICON1 SFR. When operating in the I2S mode, the
DCI module generates Frame Synchronization signals
with a 50% duty cycle. Each edge of the Frame
Synchronization signal marks the boundary of a new
data word transfer.
The user must also select the frame length and data
word size using the COFSG and WS control bits in the
DCICON2 SFR.
18.7.1
I2S FRAME AND DATA WORD
LENGTH SELECTION
The WS and COFSG control bits are set to produce the
period for one half of an I2S data frame. That is, the
frame length is the total number of CSCK cycles
required for a left or a right data word transfer.
The BLEN bits must be set for the desired buffer length.
Setting BLEN<1:0> = 01 produces a CPU interrupt,
once per I2S frame.
18.7.2
I2S DATA JUSTIFICATION
As per the I2S specification, a data word transfer, by
default, begins one CSCK cycle after a transition of the
WS signal. A ‘MSb left justified’ option can be selected
using the DJST control bit in the DCICON1 SFR.
If DJST = 1, the I2S data transfers are MSb left justified.
The MSb of the data word is presented on the CSDO
pin during the same CSCK cycle as the rising or falling
edge of the COFS signal. The CSDO pin is tri-stated
after the data word has been sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com