Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 127 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 127 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 123Page - Microchip Technology 30F4013 Datasheet HTML 124Page - Microchip Technology 30F4013 Datasheet HTML 125Page - Microchip Technology 30F4013 Datasheet HTML 126Page - Microchip Technology 30F4013 Datasheet HTML 127Page - Microchip Technology 30F4013 Datasheet HTML 128Page - Microchip Technology 30F4013 Datasheet HTML 129Page - Microchip Technology 30F4013 Datasheet HTML 130Page - Microchip Technology 30F4013 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 127
dsPIC30F3014/4013
18.3.14
BUFFER LENGTH CONTROL
The amount of data that is buffered between interrupts
is determined by the buffer length (BLEN<1:0>) control
bits in the DCICON2 SFR. The size of the transmit and
receive buffers may be varied from 1 to 4 data words
using the BLEN control bits. The BLEN control bits are
compared to the current value of the DCI buffer control
unit address counter. When the two LSbs of the DCI
address counter match the BLEN<1:0> value, the buf-
fer control unit is reset to ‘0’. In addition, the contents of
the receive shadow registers are transferred to the
receive buffer registers and the contents of the transmit
buffer registers are transferred to the transmit shadow
registers.
18.3.15
BUFFER ALIGNMENT WITH DATA
FRAMES
There is no direct coupling between the position of the
AGU Address Pointer and the data frame boundaries.
This means that there is an implied assignment of each
transmit and receive buffer that is a function of the
BLEN control bits and the number of enabled data slots
via the TSE and RSE control bits.
As an example, assume that a 4-word data frame is
chosen and that we want to transmit on all four time
slots in the frame. This configuration would be estab-
lished by setting the TSE0, TSE1, TSE2, and TSE3
control bits in the TSCON SFR. With this module setup,
the TXBUF0 register would be naturally assigned to
slot #0, the TXBUF1 register would be naturally
assigned to slot #1, and so on.
18.3.16
TRANSMIT STATUS BITS
There are two transmit status bits in the DCISTAT SFR.
The TMPTY bit is set when the contents of the transmit
buffer registers are transferred to the transmit shadow
registers. The TMPTY bit may be polled in software to
determine when the transmit buffer registers may be
written. The TMPTY bit is cleared automatically by the
hardware when a write to one of the four transmit
buffers occurs.
The TUNF bit is read-only and indicates that a transmit
underflow has occurred for at least one of the transmit
buffer registers that is in use. The TUNF bit is set at the
time the transmit buffer registers are transferred to the
transmit shadow registers. The TUNF status bit is
cleared automatically when the buffer register that
underflowed is written by the CPU.
18.3.17
RECEIVE STATUS BITS
There are two receive status bits in the DCISTAT SFR.
The RFUL status bit is read-only and indicates that new
data is available in the receive buffers. The RFUL bit is
cleared automatically when all receive buffers in use
have been read by the CPU.
The ROV status bit is read-only and indicates that a
receive overflow has occurred for at least one of the
receive buffer locations. A receive overflow occurs
when the buffer location is not read by the CPU before
new data is transferred from the shadow registers. The
ROV status bit is cleared automatically when the buffer
register that caused the overflow is read by the CPU.
When a receive overflow occurs for a specific buffer
location, the old contents of the buffer are overwritten.
Note:
When more than four time slots are active
within a data frame, the user code must
keep track of which time slots are to be
read/written at each interrupt. In some
cases, the alignment between transmit/
receive buffers and their respective slot
assignments could be lost. Examples of
such
cases
include
an
emulation
breakpoint or a hardware trap. In these
situations, the user should poll the SLOT
status bits to determine what data should
be loaded into the buffer registers to
resynchronize the software with the DCI
module.
Note:
The transmit status bits only indicate
status for buffer locations that are used by
the module. If the buffer length is set to
less than four words, for example, the
unused buffer locations do not affect the
transmit status bits.
Note:
The receive status bits only indicate status
for buffer locations that are used by the
module. If the buffer length is set to less
than four words, for example, the unused
buffer locations do not affect the transmit
status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com