Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 125 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 125 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 121Page - Microchip Technology 30F4013 Datasheet HTML 122Page - Microchip Technology 30F4013 Datasheet HTML 123Page - Microchip Technology 30F4013 Datasheet HTML 124Page - Microchip Technology 30F4013 Datasheet HTML 125Page - Microchip Technology 30F4013 Datasheet HTML 126Page - Microchip Technology 30F4013 Datasheet HTML 127Page - Microchip Technology 30F4013 Datasheet HTML 128Page - Microchip Technology 30F4013 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 125
dsPIC30F3014/4013
18.3.7
BIT CLOCK GENERATOR
The DCI module has a dedicated 12-bit time base that
produces the bit clock. The bit clock rate (period) is set
by writing a non-zero 12-bit value to the BCG<11:0>
control bits in the DCICON3 SFR.
When the BCG<11:0> bits are set to zero, the bit clock
is disabled. If the BCG<11:0> bits are set to a non-zero
value, the bit clock generator is enabled. These bits
should be set to ‘0’ and the CSCKD bit set to ‘1’ if the
serial clock for the DCI is received from an external
device.
The formula for the bit clock frequency is given in
Equation 18-2.
EQUATION 18-2:
BIT CLOCK FREQUENCY
The required bit clock frequency is determined by the
system sampling rate and frame size. Typical bit clock
frequencies range from 16x to 512x the converter
sample rate depending on the data converter and the
communication protocol that is used.
To achieve bit clock frequencies associated with
common audio sampling rates, the user needs to select
a crystal frequency that has an ‘even’ binary value.
Examples of such crystal frequencies are listed in
Table 18-1.
TABLE 18-1:
DEVICE FREQUENCIES FOR COMMON CODEC CSCK FREQUENCIES
FBCK =
FCY
2
(BCG + 1)
•
FS (kHz)
FCSCK/FS
FCSCK (MHz)(1)
FOSC (MHZ)PLL
FCY (MIPS)
BCG(2)
8
256
2.048
8.192
4
8.192
1
12
256
3.072
6.144
8
12.288
1
32
32
1.024
8.192
8
16.384
7
44.1
32
1.4112
5.6448
8
11.2896
3
48
64
3.072
6.144
16
24.576
3
Note 1:
When the CSCK signal is applied externally (CSCKD = 1), the BCG<11:0> bits have no effect on the
operation of the DCI module.
2:
When the CSCK signal is applied externally (CSCKD = 1), the external clock high and low times must
meet the device timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com